Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 109 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 109 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 105Page - National Semiconductor (TI) SC2200 Datasheet HTML 106Page - National Semiconductor (TI) SC2200 Datasheet HTML 107Page - National Semiconductor (TI) SC2200 Datasheet HTML 108Page - National Semiconductor (TI) SC2200 Datasheet HTML 109Page - National Semiconductor (TI) SC2200 Datasheet HTML 110Page - National Semiconductor (TI) SC2200 Datasheet HTML 111Page - National Semiconductor (TI) SC2200 Datasheet HTML 112Page - National Semiconductor (TI) SC2200 Datasheet HTML 113Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 433 page
background image
Revision 3.0
109
www.national.com
SuperI/O Module (Continued)
4.4.2.2
LDN 01h - System Wakeup Control
Table 4-8 lists registers that are relevant to the configura-
tion of System Wakeup Control (SWC). These registers are
described earlier in Table 4-3 "Standard Configuration Reg-
isters" on page 104.
Table 4-8. Relevant SWC Registers
Index
Type
Configuration Register or Action
Reset
Value
30h
R/W
Activate. When bit 0 is cleared, the registers of this logical device are not accessible.1
00h
60h
R/W
Base Address MSB register.
00h
61h
R/W
Base Address LSB register. Bits [3:0] (for A[3:0]) are RO, 0000b.
00h
70h
R/W
Interrupt Number. (For routing the internal PWUREQ signal.)
00h
71h
R/W
Interrupt Type. Bit 1 is R/W. Other bits are RO.
03h
74h
RO
Report no DMA assignment.
04h
75h
RO
Report no DMA assignment.
04h
1.
The logical device registers are maintained, and all wakeup detection mechanisms are functional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com