Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 108 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 108 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 104Page - National Semiconductor (TI) SC2200 Datasheet HTML 105Page - National Semiconductor (TI) SC2200 Datasheet HTML 106Page - National Semiconductor (TI) SC2200 Datasheet HTML 107Page - National Semiconductor (TI) SC2200 Datasheet HTML 108Page - National Semiconductor (TI) SC2200 Datasheet HTML 109Page - National Semiconductor (TI) SC2200 Datasheet HTML 110Page - National Semiconductor (TI) SC2200 Datasheet HTML 111Page - National Semiconductor (TI) SC2200 Datasheet HTML 112Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 433 page
background image
www.national.com
108
Revision 3.0
SuperI/O Module (Continued)
Table 4-7.
RTC Configuration Registers
Bit
Description
Index F0h
RAM Lock Register - RLR (R/W)
When any non-reserved bit in this register is set to 1, it can be cleared only by hardware reset.
7
Block Standard RAM.
0: No effect on Standard RAM access. (Default)
1: Read and write to locations 38h-3Fh of the Standard RAM are blocked, writes ignored, and reads return FFh.
6
Block RAM Write.
0: No effect on RAM access. (Default)
1: Writes to RAM (Standard and Extended) are ignored.
5
Block Extended RAM Write. This bit controls writes to bytes 00h-1Fh of the Extended RAM.
0: No effect on the Extended RAM access. (Default)
1: Writes to bytes 00h-1Fh of the Extended RAM are ignored.
4
Block Extended RAM Read. This bit controls read from bytes 00h-1Fh of the Extended RAM.
0: No effect on Extended RAM access. (Default)
1: Reads to bytes 00h-1Fh of the Extended RAM are ignored.
3
Block Extended RAM. This bit controls access to the Extended RAM 128 bytes.
0: No effect on Extended RAM access. (Default)
1: Read and write to the Extended RAM are blocked: writes are ignored and reads return FFh.
2:0
Reserved.
Index F1h
Date Of Month Alarm Register Offset Register - DOMAO (R/W)
7
Reserved.
6:0
Date of Month Alarm Register Offset Value.
Index F2h
Month Alarm Register Offset Register - MANAO (R/W)
7
Reserved.
6:0
Month Alarm Register Offset Value.
Index F3h
Century Register Offset Register - CENO (R/W)
7
Reserved.
6:0
Century Register Offset Value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com