Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 186 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 186 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 182Page - National Semiconductor (TI) SC2200 Datasheet HTML 183Page - National Semiconductor (TI) SC2200 Datasheet HTML 184Page - National Semiconductor (TI) SC2200 Datasheet HTML 185Page - National Semiconductor (TI) SC2200 Datasheet HTML 186Page - National Semiconductor (TI) SC2200 Datasheet HTML 187Page - National Semiconductor (TI) SC2200 Datasheet HTML 188Page - National Semiconductor (TI) SC2200 Datasheet HTML 189Page - National Semiconductor (TI) SC2200 Datasheet HTML 190Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 433 page
background image
www.national.com
186
Revision 3.0
Core Logic Module (Continued)
70h-71h
16
R/W
IOCS1# Base Address Register
0000h
Page 209
72h
8
R/W
IOCS1# Control Register
00h
Page 209
73h
8
---
Reserved
00h
Page 209
74h-75h
16
R/W
IOCS0 Base Address Register
0000h
Page 209
76h
8
R/W
IOCS0 Control Register
00h
Page 210
77h
---
---
Reserved
00h
Page 210
78h-7Bh
32
R/W
DOCCS Base Address Register
00000000h
Page 210
7Ch-7Fh
32
R/W
DOCCS Control Register
00000000h
Page 210
80h
8
R/W
Power Management Enable Register 1
00h
Page 210
81h
8
R/W
Power Management Enable Register 2
00h
Page 211
82h
8
R/W
Power Management Enable Register 3
00h
Page 212
83h
8
R/W
Power Management Enable Register 4
00h
Page 214
84h
8
RO
Second Level PME/SMI Status Mirror Register 1
00h
Page 215
85h
8
RO
Second Level PME/SMI Status Mirror Register 2
00h
Page 215
86h
8
RO
Second Level PME/SMI Status Mirror Register 3
00h
Page 216
87h
8
RO
Second Level PME/SMI Status Mirror Register 4
00h
Page 217
88h
8
R/W
General Purpose Timer 1 Count Register
00h
Page 218
89h
8
R/W
General Purpose Timer 1 Control Register
00h
Page 218
8Ah
8
R/W
General Purpose Timer 2 Count Register
00h
Page 219
8Bh
8
R/W
General Purpose Timer 2 Control Register
00h
Page 219
8Ch
8
R/W
IRQ Speedup Timer Count Register
00h
Page 220
8Dh
8
R/W
Video Speedup Timer Count Register
00h
Page 220
8Eh
8
R/W
VGA Timer Count Register
00h
Page 220
8Fh-92h
---
---
Reserved
00h
Page 220
93h
8
R/W
Miscellaneous Device Control Register
00h
Page 220
94h-95h
16
R/W
Suspend Modulation Register
0000h
Page 221
96h
8
R/W
Suspend Configuration Register
00h
Page 221
97h
---
---
Reserved
00h
Page 221
98h-99h
16
R/W
Hard Disk Idle Timer Count Register — Primary Channel
0000h
Page 221
9Ah-9Bh
16
R/W
Floppy Disk Idle Timer Count Register
0000h
Page 221
9Ch-9Dh
16
R/W
Parallel / Serial Idle Timer Count Register
0000h
Page 222
9Eh-9Fh
16
R/W
Keyboard / Mouse Idle Timer Count Register
0000h
Page 222
A0h-A1h
16
R/W
User Defined Device 1 Idle Timer Count Register
0000h
Page 222
A2h-A3h
16
R/W
User Defined Device 2 Idle Timer Count Register
0000h
Page 222
A4h-A5h
16
R/W
User Defined Device 3 Idle Timer Count Register
0000h
Page 222
A6h-A7h
16
R/W
Video Idle Timer Count Register
0000h
Page 223
A8h-A9h
16
R/W
Video Overflow Count Register
0000h
Page 223
AAh-ABh
---
---
Reserved
00h
Page 223
ACh-ADh
16
R/W
Hard Disk Idle Timer Count Register — Secondary Channel
0000h
Page 223
AEh
8
WO
CPU Suspend Command Register
00h
Page 223
AFh
8
WO
Suspend Notebook Command Register
00h
Page 223
B0h-B3h
---
---
Reserved
00h
Page 223
B4h
8
RO
Floppy Port 3F2h Shadow Register
xxh
Page 223
B5h
8
RO
Floppy Port 3F7h Shadow Register
xxh
Page 223
B6h
8
RO
Floppy Port 1F2h Shadow Register
xxh
Page 224
B7h
8
RO
Floppy Port 1F7h Shadow Register
xxh
Page 224
B8h
8
RO
DMA Shadow Register
xxh
Page 224
B9h
8
RO
PIC Shadow Register
xxh
Page 224
Table 5-14. F0: PCI Header and Bridge Configuration Registers
for GPIO and LPC Support Summary (Continued)
F0 Index
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 5-29)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com