Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 188 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 188 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 184Page - National Semiconductor (TI) SC2200 Datasheet HTML 185Page - National Semiconductor (TI) SC2200 Datasheet HTML 186Page - National Semiconductor (TI) SC2200 Datasheet HTML 187Page - National Semiconductor (TI) SC2200 Datasheet HTML 188Page - National Semiconductor (TI) SC2200 Datasheet HTML 189Page - National Semiconductor (TI) SC2200 Datasheet HTML 190Page - National Semiconductor (TI) SC2200 Datasheet HTML 191Page - National Semiconductor (TI) SC2200 Datasheet HTML 192Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 433 page
background image
www.national.com
188
Revision 3.0
Core Logic Module (Continued)
Table 5-15. F0BAR0: GPIO Support Registers Summary
F0BAR0+
I/O Offset
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 5-30)
00h-03h
32
R/W
GPDO0 — GPIO Data Out 0 Register
FFFFFFFFh
Page 231
04h-07h
32
RO
GPDI0 — GPIO Data In 0 Register
FFFFFFFFh
Page 231
08h-0Bh
32
R/W
GPIEN0 — GPIO Interrupt Enable 0 Register
00000000h
Page 231
0Ch-0Fh
32
R/W1C
GPST0 — GPIO Status 0 Register
00000000h
Page 231
10h-13h
32
R/W
GPDO1 — GPIO Data Out 1 Register
FFFFFFFFh
Page 231
14h-17h
32
RO
GPDI1 — GPIO Data In 1 Register
FFFFFFFFh
Page 232
18h-1Bh
32
R/W
GPIEN1 — GPIO Interrupt Enable 1 Register
00000000h
Page 232
1Ch-1Fh
32
R/W1C
GPST1 — GPIO Status 1 Register
00000000h
Page 232
20h-23h
32
R/W
GPIO Signal Configuration Select Register
00000000h
Page 233
24h-27h
32
R/W
GPIO Signal Configuration Access Register
00000044h
Page 233
28h-2Bh
32
R/W
GPIO Reset Control Register
00000000h
Page 234
Table 5-16. F0BAR1: LPC Support Registers Summary
F0BAR1+
I/O Offset
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 5-31)
00h-03h
32
R/W
SERIRQ_SRC — Serial IRQ Source Register
00000000h
Page 235
04h-07h
32
R/W
SERIRQ_LVL — Serial IRQ Level Control Register
00000000h
Page 236
08h-0Bh
32
R/W
SERIRQ_CNT — Serial IRQ Control Register
00000000h
Page 238
0Ch-0Fh
32
R/W
DRQ_SRC — DRQ Source Register
00000000h
Page 238
10h-13h
32
R/W
LAD_EN — LPC Address Enable Register
00000000h
Page 239
14h-17h
32
R/W
LAD_D0 — LPC Address Decode 0 Register
00080020h
Page 240
18h-1Bh
32
R/W
LAD_D1 — LPC Address Decode 1 Register
00000000h
Page 240
1Ch-1Fh
32
R/W
LPC_ERR_SMI — LPC Error SMI Register
00000080h
Page 241
20h-23h
32
RO
LPC_ERR_ADD — LPC Error Address Register
00000000h
Page 242



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com