Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDS2DBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS2DBVT
Description  High-Speed Differential Line Drivers and Receivers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS2DBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN65LVDS2DBVT Datasheet HTML 12Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 13Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 14Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 15Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 16Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 17Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 18Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 19Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Rt = 100
Ω (Typ)
300 k
Ω
300 k
Ω
VCC
VIT ≈ 2.3 V
A
B
Y
SN65LVDS1, SN65LVDS2, SN65LVDT2
SLLS373L – JULY 1999 – REVISED DECEMBER 2014
www.ti.com
Feature Description (continued)
Figure 16. Open-Circuit Fail-Safe of the LVDS Receiver
It is only under these conditions that the output of the receiver is valid with less than a 100-mV differential input
voltage magnitude. The presence of the termination resistor, Rt does not affect the fail-safe function as long as it
is connected as shown in Figure 16. Other termination circuits may allow a dc-current to ground that could defeat
the pullup currents from the receiver and the fail-safe feature.
9.3.2.2 Receiver Output Voltage and Power-On Reset
The receiver high level outputs are a function of the device supply voltage. Both receivers support supply
voltages in the range of 2.6 V to 3.6 V. The receiver high level output voltage has a minimum output voltage of
2.4 V (TTL logic compliant), when the supply voltage is above 3 V. For supply voltages in the range of 2.6 V to
3.0 V, the receiver high level has a minimum output voltage of 1.9 V. The SN65LVDS2 and the SN65LVDT2
receivers include power-on reset circuitry similar to the SN65LVDS1 circuitry. When the supply voltage drops
below 1.5 V (or is turning on and has not yet reached 1.5 V), power-on reset circuitry sets the receiver input and
output pins to a high-impedance state.
9.3.2.3 Common-Mode Range vs Supply Voltage
The input common-mode range over which the receivers meet all requirements is a function of the supply voltage
as well. For all supply voltages, the valid input signal is from ground to 0.8 V below the supply rail. Hence, if the
device is operating with a 3.3 V supply, and a minimum differential voltage of 100 mV, common-mode values in
the range of 0.05 V to 2.45 V are supported. If the supply rail is set to 2.5 V, the common-mode range is limited
to 0.05 V to 1.65 V.
9.3.2.4 General Purpose Comparator
While the SN65LVDS2 and SN65LVDT2 are LVDS standard-compliant receivers, their utility and applications
extend to a wider range of signals. As long as the input signals are within the required differential and common-
mode voltage ranges mentioned above, the receiver output will be a faithful representation of the input signal.
9.3.2.5 Receiver Equivalent Schematics
The SN65LVDS2 and SN65LVDT2 equivalent input and output schematic diagrams are shown in Figure 17. The
receiver input is a high-impedance differential pair in the case of the SN65LVDS2. The SN65LVDT2 includes an
internal termination resistor of 110
Ω across the input port. 7-V Zener diodes are included on each input to
provide ESD protection. The receiver output structure shown is a CMOS inverter with an additional Zener diode,
again for ESD protection.
16
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: SN65LVDS1 SN65LVDS2 SN65LVDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com