Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDS2DBVT Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS2DBVT
Description  High-Speed Differential Line Drivers and Receivers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS2DBVT Datasheet(HTML) 23 Page - Texas Instruments

Back Button SN65LVDS2DBVT Datasheet HTML 19Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 20Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 21Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 22Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 23Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 24Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 25Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 26Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
SN65LVDS1, SN65LVDS2, SN65LVDT2
www.ti.com
SLLS373L – JULY 1999 – REVISED DECEMBER 2014
10.2.1.2.9
Receiver Supply Voltage
The SN65LVDS2 and SN65LVDT2 receivers are operated from a single supply. Like the SN65LVDS1, these
devices can support operation with a supply as low as 2.4 V and as high as 3.6 V. The main effects of low supply
voltage for these LVDS receivers will be seen in the receiver input common-mode range and the receiver output
voltage. We will address these in turn below.
10.2.1.2.10
Receiver Bypass Capacitance
Bypass capacitors recommendations have been discussed above in Driver Bypass Capacitance.
10.2.1.2.11
Receiver Input Common-Mode Range
The SN65LVDS2 and SN65LVDT2 support operation over an input common-mode range that is dependent upon
the device supply voltage. Per the recommended conditions table, we see that operation is supported between 0
V and 0.8 V below the supply rail.
For a supply voltage of 3.3 V, operation is available when the input common-mode voltage is between GND and
2.5 V. The receivers are required to meet sensitivity requirements over the whole common-mode input range.
If we return to the transmitter discussions, we recall that the SN65LVDS1 has an output common-mode range of
1.2 V. Using one of the receivers discussed here, we see that valid operation of the communication link will occur
when the ground difference between transmitter and receiver is within ~±1 V . The use of differential signaling in
LVDS allows operation in an environment where the combination of ground difference and common-mode noise
result in a common-mode difference between transmitter and receiver of 1 V. This 1-V potential difference hints
at the intended application of LVDS circuits.
Standards such as RS-485 support potential differences of almost 10 V, allowing for communication over
distances of greater than 1 km. The intended applications of LVDS devices is more moderate distances, such as
those from chip to chip on a board, board to board in a rack, or from rack to nearby rack. When the 1-V potential
difference is not adequate, yet the high-speed and low voltage features of LVDS are still needed, the designer
can choose from either M-LVDS devices available from TI, or from LVDS devices with extended common-mode
ranges, such as the SN65LVDS33.
10.2.1.2.12
Receiver Input Signal
The LVDS receivers herein comply with the LVDS standard and correctly determine the bus state when the
differential input voltage is greater than 100 mV (HI output) or less than –100 mV (LO output). In addition, the
receivers operate with differential input voltages of up to 600 mV.
10.2.1.2.13
Receiver Output Signal
Receiver outputs comply with LVTTL output voltage standards when the supply voltage is within the range of 3 V
to 3.6 V. When the supply voltage is within the lower range of 2.4 V to 3 V, the high output voltage can be as low
as 1.9 V. If a design intends to operate the receivers with a supply voltage in this lower range, care should be
taken to ensure that the device being driven by these devices will be able to operate without errors with the lower
output voltage.
10.2.1.2.14
Receiver NC Pins
NC (not connected) pins are pins where the die is not physically connected to the lead frame or package. For
optimum thermal performance, a good rule of thumb is to ground the NC pins at the board level.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: SN65LVDS1 SN65LVDS2 SN65LVDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com