Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDS2DBVT Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS2DBVT
Description  High-Speed Differential Line Drivers and Receivers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS2DBVT Datasheet(HTML) 24 Page - Texas Instruments

Back Button SN65LVDS2DBVT Datasheet HTML 20Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 21Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 22Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 23Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 24Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 25Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 26Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 27Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
SN65LVDS1, SN65LVDS2, SN65LVDT2
SLLS373L – JULY 1999 – REVISED DECEMBER 2014
www.ti.com
10.2.2 Application Curve
Figure 21. Typical Driver Output Eye Pattern in Point-to-Point System
10.2.3 Multidrop Communications
A second common application of LVDS buffers is a multidrop topology. In a multidrop configuration, a single
driver and a shared bus are present, along with two or more receivers (with a maximum permissible number of
32 receivers). Figure 22 below shows an example of a multidrop system.
Figure 22. Multidrop Topology
10.2.3.1 Design Requirements
DESIGN PARAMETERS
EXAMPLE VALUE
Driver Supply Voltage (VCCD)
2.4 to 3.6 V
Driver Input Voltage
0.8 to 5.0 V
Driver Signaling Rate
DC to 400 Mbps
Interconnect Characteristic Impedance
100
Ω
Termination Resistance
100
Ω
Number of Receiver Nodes
2 to 32
Receiver Supply Voltage (VCCR)
2.4 to 3.6 V
Receiver Input Voltage
0 to VCCR – 0.8 V
Receiver Signaling Rate
DC to 400 Mbps
Ground shift between driver and receiver
±1 V
24
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: SN65LVDS1 SN65LVDS2 SN65LVDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com