Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDS2DBVT Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS2DBVT
Description  High-Speed Differential Line Drivers and Receivers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS2DBVT Datasheet(HTML) 27 Page - Texas Instruments

Back Button SN65LVDS2DBVT Datasheet HTML 23Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 24Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 25Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 26Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 27Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 28Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 29Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 30Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
SN65LVDS1, SN65LVDS2, SN65LVDT2
www.ti.com
SLLS373L – JULY 1999 – REVISED DECEMBER 2014
Layout Guidelines (continued)
12.1.2 Dielectric Type and Board Construction
The speeds at which signals travel across the board dictates the choice of dielectric. FR-4, or equivalent, usually
provides adequate performance for use with LVDS signals. If rise or fall times of TTL/CMOS signals are less
than 500 ps, empirical results indicate that a material with a dielectric constant near 3.4, such as Rogers™ 4350
or Nelco N4000-13 is better suited. Once the designer chooses the dielectric, there are several parameters
pertaining to the board construction that can affect performance. The following set of guidelines were developed
experimentally through several designs involving LVDS devices:
•
Copper weight: 15 g or 1/2 oz start, plated to 30 g or 1 oz
•
All exposed circuitry should be solder-plated (60/40) to 7.62
μm or 0.0003 in (minimum).
•
Copper plating should be 25.4
μm or 0.001 in (minimum) in plated-through-holes.
•
Solder mask over bare copper with solder hot-air leveling
12.1.3 Recommended Stack Layout
Following the choice of dielectrics and design specifications, you must decide how many levels to use in the
stack. To reduce the TTL/CMOS to LVDS crosstalk, it is a good practice to have at least two separate signal
planes as shown in Figure 26.
Figure 26. Four-Layer PCB Board
NOTE
The separation between layers 2 and 3 should be 127
μm (0.005 in). By keeping the
power and ground planes tightly coupled, the increased capacitance acts as a bypass for
transients.
One of the most common stack configurations is the six-layer board, as shown in Figure 27.
Figure 27. Six-Layer PCB Board
In this particular configuration, it is possible to isolate each signal layer from the power plane by at least one
ground plane. The result is improved signal integrity; however, fabrication is more expensive. Using the 6-layer
board is preferable, because it offers the layout designer more flexibility in varying the distance between signal
layers and referenced planes, in addition to ensuring reference to a ground plane for signal layers 1 and 6.
12.1.4 Separation Between Traces
The separation between traces depends on several factors; however, the amount of coupling that can be
tolerated usually dictates the actual separation. Low noise coupling requires close coupling between the
differential pair of an LVDS link to benefit from the electromagnetic field cancellation. The traces should be 100-
Ω
differential and thus coupled in the manner that best fits this requirement. In addition, differential pairs should
have the same electrical length to ensure that they are balanced, thus minimizing problems with skew and signal
reflection.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: SN65LVDS1 SN65LVDS2 SN65LVDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com