Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDS2DBVT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS2DBVT
Description  High-Speed Differential Line Drivers and Receivers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS2DBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button SN65LVDS2DBVT Datasheet HTML 15Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 16Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 17Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 18Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 19Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 20Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 21Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 22Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
SN65LVDS1, SN65LVDS2, SN65LVDT2
www.ti.com
SLLS373L – JULY 1999 – REVISED DECEMBER 2014
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The SN65LVDS1, SN65LVDS2, and SN65LVDT2 devices are single-channel LVDS buffers. The functionality of
these devices is simple, yet extremely flexible, leading to their use in designs ranging from wireless base stations
to desktop computers. The varied class of potential applications share features and applications discussed in the
paragraphs below.
10.2 Typical Applications
10.2.1 Point-to-Point Communications
The most basic application for LVDS buffers, as found in this data sheet, is for point-to-point communications of
digital data, as shown in Figure 18.
Figure 18. Point-to-Point Topology
A point-to-point communications channel has a single transmitter (driver) and a single receiver. This
communications topology is often referred to as simplex. In Figure 18 the driver receives a single-ended input
signal and the receiver outputs a single-ended recovered signal. The LVDS driver converts the single-ended
input to a differential signal for transmission over a balanced interconnecting media of 100-
Ω characteristic
impedance. The conversion from a single-ended signal to an LVDS signal retains the digital data payload while
translating to a signal whose features are more appropriate for communication over extended distances or in a
noisy environment.
10.2.1.1 Design Requirements
DESIGN PARAMETERS
EXAMPLE VALUE
Driver Supply Voltage (VCCD)
2.4 to 3.6 V
Driver Input Voltage
0.8 to 5.0 V
Driver Signaling Rate
DC to 400 Mbps
Interconnect Characteristic Impedance
100
Ω
Termination Resistance
100
Ω
Number of Receiver Nodes
1
Receiver Supply Voltage (VCCR)
2.4 to 3.6 V
Receiver Input Voltage
0 to VCCR – 0.8 V
Receiver Signaling Rate
DC to 400 Mbps
Ground shift between driver and receiver
±1 V
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: SN65LVDS1 SN65LVDS2 SN65LVDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com