Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDS2DBVT Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS2DBVT
Description  High-Speed Differential Line Drivers and Receivers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS2DBVT Datasheet(HTML) 29 Page - Texas Instruments

Back Button SN65LVDS2DBVT Datasheet HTML 25Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 26Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 27Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 28Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 29Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 30Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 31Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 32Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
SN65LVDS1, SN65LVDS2, SN65LVDT2
www.ti.com
SLLS373L – JULY 1999 – REVISED DECEMBER 2014
Layout Guidelines (continued)
12.1.6 Decoupling
Each power or ground lead of a high-speed device should be connected to the PCB through a low inductance
path. For best results, one or more vias are used to connect a power or ground pin to the nearby plane. Ideally,
via placement is immediately adjacent to the pin to avoid adding trace inductance. Placing a power plane closer
to the top of the board reduces the effective via length and its associated inductance.
Figure 29. Low Inductance, High-Capacitance Power Connection
Bypass capacitors should be placed close to VDD pins. They can be placed conveniently near the corners or
underneath the package to minimize the loop area. This extends the useful frequency range of the added
capacitance. Small-physical-size capacitors, such as 0402 or even 0201, or X7R surface-mount capacitors
should be used to minimize body inductance of capacitors. Each bypass capacitor is connected to the power and
ground plane through vias tangent to the pads of the capacitor as shown in Figure 30(a).
An X7R surface-mount capacitor of size 0402 has about 0.5 nH of body inductance. At frequencies above 30
MHz or so, X7R capacitors behave as low-impedance inductors. To extend the operating frequency range to a
few hundred MHz, an array of different capacitor values like 100 pF, 1 nF, 0.03
μF, and 0.1 μF are commonly
used in parallel. The most effective bypass capacitor can be built using sandwiched layers of power and ground
at a separation of 2 to 3 mils. With a 2-mil FR4 dielectric, there is approximately 500 pF per square inch of PCB.
Refer back to Figure 5-1 for some examples. Many high-speed devices provide a low-inductance GND
connection on the backside of the package. This center dap must be connected to a ground plane through an
array of vias. The via array reduces the effective inductance to ground and enhances the thermal performance of
the small Surface Mount Technology (SMT) package. Placing vias around the perimeter of the dap connection
ensures proper heat spreading and the lowest possible die temperature. Placing high-performance devices on
opposing sides of the PCB using two GND planes (as shown in Figure 20) creates multiple paths for heat
transfer. Often thermal PCB issues are the result of one device adding heat to another, resulting in a very high
local temperature. Multiple paths for heat transfer minimize this possibility. In many cases the GND dap that is so
important for heat dissipation makes the optimal decoupling layout impossible to achieve due to insufficient pad-
to-dap spacing as shown in Figure 30(b). When this occurs, placing the decoupling capacitor on the backside of
the board keeps the extra inductance to a minimum. It is important to place the VDD via as close to the device pin
as possible while still allowing for sufficient solder mask coverage. If the via is left open, solder may flow from the
pad and into the via barrel. This will result in a poor solder connection.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: SN65LVDS1 SN65LVDS2 SN65LVDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com