Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDS2DBVT Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS2DBVT
Description  High-Speed Differential Line Drivers and Receivers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS2DBVT Datasheet(HTML) 26 Page - Texas Instruments

Back Button SN65LVDS2DBVT Datasheet HTML 22Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 23Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 24Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 25Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 26Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 27Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 28Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 29Page - Texas Instruments SN65LVDS2DBVT Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
SN65LVDS1, SN65LVDS2, SN65LVDT2
SLLS373L – JULY 1999 – REVISED DECEMBER 2014
www.ti.com
11 Power Supply Recommendations
The LVDS driver and receivers in this data sheet are designed to operate from a single power supply. Both
drivers and receivers operate with supply voltages in the range of 2.4 V to 3.6 V. In a typical application, a driver
and a receiver may be on separate boards, or even separate equipment. In these cases, separate supplies
would be used at each location. The expected ground potential difference between the driver power supply and
the receiver power supply would be less than |±1 V|. Board level and local device level bypass capacitance
should be used and are covered in Driver Bypass Capacitance and Receiver Bypass Capacitance.
12 Layout
12.1 Layout Guidelines
12.1.1 Microstrip vs. Stripline Topologies
As per SLLD009, printed-circuit boards usually offer designers two transmission line options: Microstrip and
stripline. Microstrips are traces on the outer layer of a PCB, as shown in Figure 24.
Figure 24. Microstrip Topology
On the other hand, striplines are traces between two ground planes. Striplines are less prone to emissions and
susceptibility problems because the reference planes effectively shield the embedded traces. However, from the
standpoint of high-speed transmission, juxtaposing two planes creates additional capacitance. TI recommends
routing LVDS signals on microstrip transmission lines, if possible. The PCB traces allow designers to specify the
necessary tolerances for ZO based on the overall noise budget and reflection allowances. Footnotes 1, 2, and 3
provide formulas for ZO and tPD for differential and single-ended traces.
(1) (2) (3)
Figure 25. Stripline Topology
(1)
Howard Johnson & Martin Graham.1993. High Speed Digital Design – A Handbook of Black Magic. Prentice Hall PRT. ISBN number
013395724.
(2)
Mark I. Montrose. 1996. Printed Circuit Board Design Techniques for EMC Compliance. IEEE Press. ISBN number 0780311310.
(3)
Clyde F. Coombs, Jr. Ed, Printed Circuits Handbook, McGraw Hill, ISBN number 0070127549.
26
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: SN65LVDS1 SN65LVDS2 SN65LVDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com