Electronic Components Datasheet Search
  English  ▼

X  

UM0727 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0727
Description  STEVAL-ISA018V1 demonstration board based on resonant half-bridge SMPS for industrial applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0727 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0727 Datasheet HTML 2Page - STMicroelectronics UM0727 Datasheet HTML 3Page - STMicroelectronics UM0727 Datasheet HTML 4Page - STMicroelectronics UM0727 Datasheet HTML 5Page - STMicroelectronics UM0727 Datasheet HTML 6Page - STMicroelectronics UM0727 Datasheet HTML 7Page - STMicroelectronics UM0727 Datasheet HTML 8Page - STMicroelectronics UM0727 Datasheet HTML 9Page - STMicroelectronics UM0727 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Demonstration board description
UM0727
6/18
Doc ID 15906 Rev 1
Regulation of the output voltage is performed by secondary feedback on the 24 V output.
The feedback network consists of a programmable voltage reference, TSM1011, driving an
optocoupler which ensures the required insulation between the primary and secondary
sections. The optotransistor drives the feedback pin (RFMIN) which controls the operation of
the IC.
The resonant transformer is based on a two-slot coil former and an EER39-PC40 ferrite
core, manufactured by TDK. The transformer ensures safety insulation in accordance with
EN60950.
In Table 2 the main features of the transformer are listed and in Figure 3 and 4 the pinout
and the geometrical characteristics are shown respectively.
Figure 3.
Resonant transformer: pinout
Table 2.
Resonant transformer specifications
Parameter
Value
Core
EER39 – PC40
Coil former
2 slot
Primary inductance, Lp
450 µH ± 10%
Leakage inductance, Llk
150 µH ± 10%
Primary turns, Np
32 (0.15x20) – 220 m
Ω (DC)
Secondary turns, Ns
2x7 (0.2x30) (bifilar) – 40 m
Ω (DC)
Auxiliary turns, Naux
8 (on primary winding)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com