Electronic Components Datasheet Search
  English  ▼

X  

UM0727 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0727
Description  STEVAL-ISA018V1 demonstration board based on resonant half-bridge SMPS for industrial applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0727 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0727 Datasheet HTML 7Page - STMicroelectronics UM0727 Datasheet HTML 8Page - STMicroelectronics UM0727 Datasheet HTML 9Page - STMicroelectronics UM0727 Datasheet HTML 10Page - STMicroelectronics UM0727 Datasheet HTML 11Page - STMicroelectronics UM0727 Datasheet HTML 12Page - STMicroelectronics UM0727 Datasheet HTML 13Page - STMicroelectronics UM0727 Datasheet HTML 14Page - STMicroelectronics UM0727 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
UM0727
Demonstration board description
Doc ID 15906 Rev 1
11/18
R54
0
Ω
Resistor, - SMD 0603
R55
47
Ω
Resistor, 5% - SMD 1206
T1
SRW40EC2-E01
Switch mode transformer - TDK
U1
L6599
STMicroelectronics - high voltage resonant controller
U2
TCET1101
Optocoupler - Vishay
U3
TS321
STMicroelectronics - low power single operational amplifier - SOT 23-5
U4
TSM1011
STMicroelectronics constant voltage and constant current controller - SO-8
Q1
STB21NM50N
STMicroelectronics - MOSFET MDmesh II 500 V -0.15
Ω - 18 A - D2PAK
Q2
STB21NM50N
STMicroelectronics - MOSFET MDmesh II 500 V -0.15
Ω - 18 A - D2PAK
Q3
BC817
STMicroelectronics - small signal NPN transistor 50 V -
1 A SOT-23
Q4
STN715
STMicroelectronics - NPN medium power transistor
140 V - 1 A SOT-223
Z1
VK300
Varistor 300 V
Table 3.
STEVAL-ISA018V1 BOM list (continued)
Reference
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com