Electronic Components Datasheet Search
  English  ▼

X  

UM0727 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0727
Description  STEVAL-ISA018V1 demonstration board based on resonant half-bridge SMPS for industrial applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0727 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0727 Datasheet HTML 5Page - STMicroelectronics UM0727 Datasheet HTML 6Page - STMicroelectronics UM0727 Datasheet HTML 7Page - STMicroelectronics UM0727 Datasheet HTML 8Page - STMicroelectronics UM0727 Datasheet HTML 9Page - STMicroelectronics UM0727 Datasheet HTML 10Page - STMicroelectronics UM0727 Datasheet HTML 11Page - STMicroelectronics UM0727 Datasheet HTML 12Page - STMicroelectronics UM0727 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
UM0727
Demonstration board description
Doc ID 15906 Rev 1
9/18
C42
1 µF
Elect. capacitor 160 V
CN1
3 pos
Connector - pitch 3.96 mm
CN2
2 pos
Connector - pitch 3.96 mm
CN3
4 pos
Connector - pitch 3.96 mm
DP1
Bridge rectifier 8 A - 600 V
D1
S1M/11T
Rectifier 1 A - 1000 V - DO214AC
D2
Zener diode 24 V - 1 W
D3
LS4148
Ultrafast diode 200 mA - 75 V - SOD80
D4
LS4148
Ultrafast diode 200 mA - 75 V - SOD80
D5
LS4148
Ultrafast diode 200 mA - 75 V - SOD80
D6
LS4148
Ultrafast diode 200 mA - 75 V - SOD80
D7
LS4148
Ultrafast diode 200 mA - 75 V - SOD80
D8
STPS20H100
STMicroelectronics - Schottky rectifier 2x10A - 100 V
D9
BAV23C
Fast rectifier 2x400 mA - 250 V - SOT23
D11
LS4148
Ultrafast diode 200 mA - 75 V - SOD80
D12
Zener diode 12 V - 1 W
D13
STPS20H100
STMIcroelectronics - Schottky rectifier 2x10 A - 100 V
DL1
LED
LED red 0805
L1
2x25 mH
CM choke - TDK HF2836 - 1.2 A
NTC1
2
Ω - 4 A
NTC Inrush current suppressor
NTC2
10 k
Ω
NTC -40 °C to 125 °C
F1
3.15 A
Fuse 250 V delayed
R1
100 k
Ω
Resistor, 5% - SMD 1206
R2
470 k
Ω
Resistor, 5% - SMD 1206
R3
10 k
Ω
Resistor, 5% - SMD 0603
R4
10 k
Ω
Resistor, 5% - SMD 0603
R5
1 M
Ω
Resistor, 5% - SMD 0603
R6
56 k
Ω
Resistor, 5% - SMD 0603
R8
10
Ω
Resistor, 5% - SMD 0603
R9
10
Ω
Resistor, 5% - SMD 0603
R10
100
Ω
Resistor, 5% - SMD 0603
R11
10
Ω
Resistor, 5% - SMD 0603
R12
100
Ω
Resistor, 5% - SMD 0603
R13
100
Ω
Resistor, 5% - SMD 1206
R14
100
Ω
Resistor, 5% - SMD 0603
Table 3.
STEVAL-ISA018V1 BOM list (continued)
Reference
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com