Electronic Components Datasheet Search
  English  ▼

X  

UM0727 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM0727
Description  STEVAL-ISA018V1 demonstration board based on resonant half-bridge SMPS for industrial applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0727 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM0727 Datasheet HTML 4Page - STMicroelectronics UM0727 Datasheet HTML 5Page - STMicroelectronics UM0727 Datasheet HTML 6Page - STMicroelectronics UM0727 Datasheet HTML 7Page - STMicroelectronics UM0727 Datasheet HTML 8Page - STMicroelectronics UM0727 Datasheet HTML 9Page - STMicroelectronics UM0727 Datasheet HTML 10Page - STMicroelectronics UM0727 Datasheet HTML 11Page - STMicroelectronics UM0727 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Demonstration board description
UM0727
8/18
Doc ID 15906 Rev 1
Table 3.
STEVAL-ISA018V1 BOM list
Reference
Value
Description
C1
220 nF
Polyester X2 – 275 Vac
C2
100 nF
Polyester X2 – 275 Vac
C3
680 µF
Elect. capacitor 200 V
C4
220 pF
Ceramic capacitor NPO
C5
100 nF
Ceramic capacitor Y5 V
C6
100 nF
Ceramic capacitor Y5 V
C7
4.7 nF
Ceramic capacitor Y5 V
C8
10 nF
Ceramic capacitor Z5U
C9
47 nF
Ceramic capacitor Y5 V
C10
100 pF
Ceramic capacitor NPO
C12
470 pF
Ceramic capacitor Y5 V
C14
470 pF
Ceramic capacitor Y5 V
C15
220 pF
Polip. capacitor 630 V
C16
22 nF
Ceramic capacitor 630 V
C17
4.7 µF
Elect. capacitor
C18
47 nF
Elect. capacitor Y5 V
C19
100 nF
Ceramic capacitor Y5 V
C20
470 µF
Elect. capacitor 35 V
C21
470 µF
Elect. capacitor 35 V
C22
470 µF
Elect. capacitor 35 V
C23
470 µF
Elect. capacitor 35 V
C24
220 nF
Ceramic capacitor Y5 V
C25
100 µF
Elect. capacitor 50 V
C26
2.2 nF
Polyester capacitor Y1 - 300 Vac
C27
22 nF
Ceramic capacitor 630 V
C28
100 nF
Ceramic capacitor Y5 V
C29
100 nF
Ceramic capacitor Y5 V
C30
100 nF
Ceramic capacitor Y5 V
C32
100 µF
Elect. capacitor 25 V
C33
100 nF
Ceramic capacitor Y5 V
C35
47 nF
Ceramic capacitor Y5 V
C36
100 nF
Ceramic capacitor Y5 V
C37
680 µF
Elect. capacitor 200 V
C39
4.7 nF
Ceramic capacitor Y2 – 250 Vac
C40
4.7 nF
Ceramic capacitor Y2 – 250 Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com