Electronic Components Datasheet Search
  English  ▼

X  

UM0727 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0727
Description  STEVAL-ISA018V1 demonstration board based on resonant half-bridge SMPS for industrial applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0727 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0727 Datasheet HTML 6Page - STMicroelectronics UM0727 Datasheet HTML 7Page - STMicroelectronics UM0727 Datasheet HTML 8Page - STMicroelectronics UM0727 Datasheet HTML 9Page - STMicroelectronics UM0727 Datasheet HTML 10Page - STMicroelectronics UM0727 Datasheet HTML 11Page - STMicroelectronics UM0727 Datasheet HTML 12Page - STMicroelectronics UM0727 Datasheet HTML 13Page - STMicroelectronics UM0727 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Demonstration board description
UM0727
10/18
Doc ID 15906 Rev 1
R15
10 k
Ω
Resistor, 5% - SMD 0603
R16
220
Ω
Resistor, 5% - SMD 0603
R17
1 k
Ω
Resistor, 5% - SMD 0603
R18
470
Ω
Resistor, 5% - SMD 0603
R19
10
Ω
Resistor, 5% - SMD 0603
R20
1 k
Ω
Resistor, 5% - SMD 0603
R21
15 k
Ω
Resistor, 5% - SMD 0603
R22
1 k
Ω
Resistor, 5% - SMD 0603
R23
1 k
Ω
Resistor, 5% - SMD 0603
R24
22 k
Ω
Resistor, 5% - SMD 0603
R25
10 k
Ω
Resistor, 5% - SMD 0603
R26
0.1
Ω
Shunt resistor 3 W
R27
1 k
Ω
Resistor, 5% - SMD 0603
R28
22 k
Ω
Resistor, 1% - SMD 0603
R29
2.2 k
Ω
Resistor, 5% - SMD 0603
R30
4.7 k
Ω
Resistor, 5% - SMD 0603
R31
10
Ω
Resistor, 5% - SMD 0603
R32
1 k
Ω
Resistor, 5% - SMD 0603
R34
220 k
Ω
Resistor, 5% - SMD 0603
R35
470 k
Ω
Resistor, 5% - SMD 1206
R36
100 k
Ω
Resistor, 5% - SMD 1206
R37
1 k
Ω
Resistor, 5% - SMD 0603
R38
4.7 k
Ω
Resistor, 5% - SMD 1206
R40
100
Ω
Resistor, 5% - SMD 0603
R41
5.6 k
Ω
Resistor, 1% - SMD 0603
R43
3.3 k
Ω
Resistor, 5% - SMD 0603
R45
22 k
Ω
Resistor, 5% - SMD 0603
R46
1 k
Ω
Resistor, 5% - SMD 0603
R47
10 k
Ω
Resistor, 5% - SMD 0603
R48
100 k
Ω
Resistor, 5% - SMD 0603
R49
10 k
Ω
Resistor, 5% - SMD 0603
R50
0
Ω
Resistor, - SMD 0603
R51
1 k
Ω
Resistor, 5% - 1W
R52
220 k
Ω
Resistor, 5% - SMD 1206
R53
220 k
Ω
Resistor, 5% - SMD 1206
Table 3.
STEVAL-ISA018V1 BOM list (continued)
Reference
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com