Electronic Components Datasheet Search
  English  ▼

X  

UM0727 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM0727
Description  STEVAL-ISA018V1 demonstration board based on resonant half-bridge SMPS for industrial applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0727 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM0727 Datasheet HTML 3Page - STMicroelectronics UM0727 Datasheet HTML 4Page - STMicroelectronics UM0727 Datasheet HTML 5Page - STMicroelectronics UM0727 Datasheet HTML 6Page - STMicroelectronics UM0727 Datasheet HTML 7Page - STMicroelectronics UM0727 Datasheet HTML 8Page - STMicroelectronics UM0727 Datasheet HTML 9Page - STMicroelectronics UM0727 Datasheet HTML 10Page - STMicroelectronics UM0727 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
UM0727
Demonstration board description
Doc ID 15906 Rev 1
7/18
Figure 4.
Resonant transformer: mechanical drawing
The output voltage can be adjusted down to 1.235 V by a voltage divider. An internal
oscillator fixes the switching frequency up to 500 kHz to minimize the size of external
components. The power IC features several layers of protection, such as pulse by pulse
current limit with internal frequency modulation aimed at an effective constant current short
circuit protection, feedback disconnection and thermal shutdown. Finally, it can be
synchronized using a dedicated pin as well as inhibited for reduced standby power
consumption and time sequence operations.
The board layout is shown in Figure 5. The whole power supply is produced on a double
side 35 µm PCB FR-4 (130 x 66 mm).
Figure 5.
STEVAL-ISA018V1 board layout with tracks
AM04390v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com