Electronic Components Datasheet Search
  English  ▼

X  

UM0727 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM0727
Description  STEVAL-ISA018V1 demonstration board based on resonant half-bridge SMPS for industrial applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0727 Datasheet(HTML) 1 Page - STMicroelectronics

  UM0727 Datasheet HTML 1Page - STMicroelectronics UM0727 Datasheet HTML 2Page - STMicroelectronics UM0727 Datasheet HTML 3Page - STMicroelectronics UM0727 Datasheet HTML 4Page - STMicroelectronics UM0727 Datasheet HTML 5Page - STMicroelectronics UM0727 Datasheet HTML 6Page - STMicroelectronics UM0727 Datasheet HTML 7Page - STMicroelectronics UM0727 Datasheet HTML 8Page - STMicroelectronics UM0727 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
May 2010
Doc ID 15906 Rev 1
1/18
UM0727
User manual
STEVAL-ISA018V1 demonstration board based on resonant
half-bridge SMPS for industrial applications
Introduction
This user manual describes a high efficiency solution for industrial power supplies with a
continuous output power of 150 W and peak power up to 240 W. It takes advantage of the
resonant approach to minimize switching losses, resulting in higher than 90% efficiency. The
topology is based on half-bridge and operated in a resonant fashion by means of a resonant
LC tank, driven by the L6599 dedicated controller.
The board provides one regulated output, VO=24 V with IO=6 A, and an overload capability
of up to IO=10 A. Output voltage and current are controlled by the TSM1011 constant
voltage and constant current controller, providing square output regulation, while the
overload is managed by thermal protection (PTC) on the output rectifiers.
The board, shown in Figure 1, is obtainable using the order code STEVAL-ISA018V1.
Figure 1.
STEVAL-ISA018V1 board prototype
www.st.com


Similar Part No. - UM0727

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0723 STMICROELECTRONICS-UM0723 Datasheet
826Kb / 48P
1 kW three-phase motor control demonstration board
28-Jun-2011
More results

Similar Description - UM0727

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI115V1 STMICROELECTRONICS-STEVAL-MKI115V1 Datasheet
93Kb / 4P
Bluetooth extension demonstration board for STEVAL-MKI109V1
06-Sep-2011
STEVAL-ILL038V1 STMICROELECTRONICS-STEVAL-ILL038V1 Datasheet
144Kb / 4P
LED resonant driver demonstration board based on the L6585DE
20-Jul-2011
STEVAL-ISA019V3 STMICROELECTRONICS-STEVAL-ISA019V3 Datasheet
107Kb / 4P
80 W ESBT quasi-resonant wide-range SMPS demonstration board based on the L6565 for 3-phase applications
28-Apr-2011
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
AN3407 STMICROELECTRONICS-AN3407 Datasheet
3Mb / 25P
Resonant driver for LED SMPS demonstration board
30-Aug-2011
UM0984 STMICROELECTRONICS-UM0984 Datasheet
1Mb / 25P
STEVAL-ISA081V1 demonstration board based
08-Jun-2012
UM1054 STMICROELECTRONICS-UM1054 Datasheet
310Kb / 10P
STEVAL-ISB013V1 demonstration board based on the STC3105 battery monitor IC with alarm output for gas gauge applications
05-Dec-2011
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
The STEVAL-IFN004V1 is a demonstration board based
21-Dec-2011
AN3961 STMICROELECTRONICS-AN3961 Datasheet
2Mb / 46P
STEVAL-IME003V1 demonstration board based on the STHV748 ultrasound pulser
29-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com