Electronic Components Datasheet Search
  English  ▼

X  

Z86L82 Datasheet(PDF) 75 Page - Zilog, Inc.

Part # Z86L82
Description  Programmable input glitch filter for pulse reception
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L82 Datasheet(HTML) 75 Page - Zilog, Inc.

Back Button Z86L82 Datasheet HTML 71Page - Zilog, Inc. Z86L82 Datasheet HTML 72Page - Zilog, Inc. Z86L82 Datasheet HTML 73Page - Zilog, Inc. Z86L82 Datasheet HTML 74Page - Zilog, Inc. Z86L82 Datasheet HTML 75Page - Zilog, Inc. Z86L82 Datasheet HTML 76Page - Zilog, Inc. Z86L82 Datasheet HTML 77Page - Zilog, Inc. Z86L82 Datasheet HTML 78Page - Zilog, Inc. Z86L82 Datasheet HTML 79Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 80 page
background image
Z86L82/85/88
28-Pin Low-Voltage IR Microcontrollers
PS009007-1202
68
Mask Selectable Options
There are seven Mask Selectable Options to choose from based on ROM code
requirements. These are listed in Table 26.
Table 26. Mask Selectable Options
RC/Other
RC/XTAL
32 kHz XTAL
On/Off
Port 0: 0–3 pull-ups
On/Off
Port 0: 4–7 pull-ups
On/Off
Port 2: 2–7 pull-ups
On/Off
Port 3: pull-ups
On/Off
Port 0: 0–3 Mouse Mode 0.4 VDD Trip
On/Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com