Electronic Components Datasheet Search
  English  ▼

X  

Z86L82 Datasheet(PDF) 39 Page - Zilog, Inc.

Part # Z86L82
Description  Programmable input glitch filter for pulse reception
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L82 Datasheet(HTML) 39 Page - Zilog, Inc.

Back Button Z86L82 Datasheet HTML 35Page - Zilog, Inc. Z86L82 Datasheet HTML 36Page - Zilog, Inc. Z86L82 Datasheet HTML 37Page - Zilog, Inc. Z86L82 Datasheet HTML 38Page - Zilog, Inc. Z86L82 Datasheet HTML 39Page - Zilog, Inc. Z86L82 Datasheet HTML 40Page - Zilog, Inc. Z86L82 Datasheet HTML 41Page - Zilog, Inc. Z86L82 Datasheet HTML 42Page - Zilog, Inc. Z86L82 Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
Z86L82/85/88
28-Pin Low-Voltage IR Microcontrollers
PS009007-1202
32
Figure 27. Register Pointer—FDH: Read/Write
Figure 28. Stack Pointer High—FEH: Read/Write
Figure 29. Stack Pointer Low—FFH: Read/Write
Register File
The register file (bank 0) consists of 4 I/O port registers, 237 general-purpose reg-
isters, and 16 control and status registers (R0–R3, R4–R239, and R240–255,
respectively). Additionally, there are two expanded registers groups in Banks D
and F. Instructions can access registers directly or indirectly through an 8-bit
address field, thereby allowing a short, 4-bit register address to use the Register
Pointer (Figure 30). In the 4-bit mode, the register file is divided into 16 working
register groups, each occupying 16 continuous locations. The Register Pointer
addresses the starting location of the active working register group.
Working register group E0–EF can only be accessed through
working registers and indirect addressing modes.
D7 D6 D5 D4 D3 D2 D1 D0
Expanded Register Bank
Pointer
Working Register
Pointer
R253 RP
Default setting after
reset = 0000 0000
D7 D6 D5 D4 D3 D2 D1 D0
General-Purpose Register
Byte (SP15–SP8)
R254 SPH
D7 D6 D5 D4 D3 D2 D1 D0
Stack Pointer Lower
Byte (SP7–SP0)
R255 SPL
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com