Electronic Components Datasheet Search
  English  ▼

X  

Z86L82 Datasheet(PDF) 45 Page - Zilog, Inc.

Part # Z86L82
Description  Programmable input glitch filter for pulse reception
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L82 Datasheet(HTML) 45 Page - Zilog, Inc.

Back Button Z86L82 Datasheet HTML 41Page - Zilog, Inc. Z86L82 Datasheet HTML 42Page - Zilog, Inc. Z86L82 Datasheet HTML 43Page - Zilog, Inc. Z86L82 Datasheet HTML 44Page - Zilog, Inc. Z86L82 Datasheet HTML 45Page - Zilog, Inc. Z86L82 Datasheet HTML 46Page - Zilog, Inc. Z86L82 Datasheet HTML 47Page - Zilog, Inc. Z86L82 Datasheet HTML 48Page - Zilog, Inc. Z86L82 Datasheet HTML 49Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 80 page
background image
Z86L82/85/88
28-Pin Low-Voltage IR Microcontrollers
PS009007-1202
38
Writing a 1 is the only way to reset the Terminal Count
status condition. Therefore, you must reset this bit before
using/enabling the counter/timers.
The first clock of T8 might not exhibit complete clock width
and can occur anytime when enabled.
Care must be taken when using the OR or AND commands to
manipulate CTR0, bit 5 and CTR1, bits 0 and 1 (demodulation
mode). These instructions use a Read-Modify-Write sequence
in which the current status from the CTR0 and CTR1 registers
is ORed or ANDed with the designated value and then written
back into the registers.
For example, when the status of bit 5 is 1, a timer reset condition occurs.
T8 Clock
This bit defines the frequency of the input signal to T8.
Capture_INT_Mask
Set this bit to allow an interrupt when data is captured into either LO8 or HI8 upon
a positive or negative edge detection in demodulation mode.
Counter_INT_Mask
Set this bit to allow an interrupt when T8 has a time-out.
P34_Out
This bit defines whether P34 is used as a normal output pin or the T8 output.
Caution:
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com