Electronic Components Datasheet Search
  English  ▼

X  

Z86L82 Datasheet(PDF) 19 Page - Zilog, Inc.

Part # Z86L82
Description  Programmable input glitch filter for pulse reception
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L82 Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button Z86L82 Datasheet HTML 15Page - Zilog, Inc. Z86L82 Datasheet HTML 16Page - Zilog, Inc. Z86L82 Datasheet HTML 17Page - Zilog, Inc. Z86L82 Datasheet HTML 18Page - Zilog, Inc. Z86L82 Datasheet HTML 19Page - Zilog, Inc. Z86L82 Datasheet HTML 20Page - Zilog, Inc. Z86L82 Datasheet HTML 21Page - Zilog, Inc. Z86L82 Datasheet HTML 22Page - Zilog, Inc. Z86L82 Datasheet HTML 23Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
Z86L82/85/88
28-Pin Low-Voltage IR Microcontrollers
PS009007-1202
12
12
Twdt
Watch-Dog Timer
Delay Time
2.0 V
20
ms
5
0, 0
3.6 V
7.5
ms
5
2.0 V
20
ms
5
0, 1
3.6 V
7.5
ms
5
2.0 V
40
ms
5
1, 0
3.6 V
15
ms
5
(60 ms)
2.0 V
160
ms
5
1, 1
3.6 V
60
ms
5
Notes:
1. Timing Reference uses 0.9 VCC for a logic 1 and 0.1 VCC for a logic 0.
2. Interrupt request through Port 3 (P33–P31)
3. Interrupt request through Port 3 (P30)
4. SMR – D5 = 0.
5. For internal RC oscillator
Table 7. AC Characteristics (Continued)
TA = 0°C to +70°C
8.0 MHz
Stop-Mode
Recovery
(D1, D0)
Number Symbol
Parameter
VCC
Min
Max
Units Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com