Electronic Components Datasheet Search
  English  ▼

X  

Z86L82 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z86L82
Description  Programmable input glitch filter for pulse reception
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L82 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z86L82 Datasheet HTML 9Page - Zilog, Inc. Z86L82 Datasheet HTML 10Page - Zilog, Inc. Z86L82 Datasheet HTML 11Page - Zilog, Inc. Z86L82 Datasheet HTML 12Page - Zilog, Inc. Z86L82 Datasheet HTML 13Page - Zilog, Inc. Z86L82 Datasheet HTML 14Page - Zilog, Inc. Z86L82 Datasheet HTML 15Page - Zilog, Inc. Z86L82 Datasheet HTML 16Page - Zilog, Inc. Z86L82 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
Z86L82/85/88
28-Pin Low-Voltage IR Microcontrollers
PS009007-1202
6
Absolute Maximum Ratings
Table 4 lists the absolute maximum ratings for the Z86L82/85/88 microcontrollers.
Stresses greater than those listed under Absolute Maximum Ratings might cause
permanent damage to the device. This rating is a stress rating only. Functional
operation of the device at any condition above those indicated in the operational
sections of these specifications is not implied. Exposure to absolute maximum rat-
ing conditions for an extended period might affect device reliability.
11
P31
Input
IRQ2/modulator input
12
P32
Input
IRQ0
13
P33
Input
IRQ1
14
P34
Output
T8 output
15
P35
Output
T16 output
17
P36
Output
T8/T16 output
16
P37
Output
10
XTAL1
Input
Crystal, oscillator clock
9
XTAL2
Output
Crystal, oscillator clock
8VDD
Power supply
22
VSS
Ground
Table 4. Absolute Maximum Ratings
Symbol
Description
Min
Max
Units
Vmax
Supply Voltage (*)
–0.3
+7.0
V
TSTG
Storage Temperature
–65°
+150°
C
TA
Oper. Ambient Temperature
†
C
Notes:
* Voltage on all pins with respect to GND
† See “Ordering Information” on page 69.
Table 3. 28-Pin DIP and SOIC Pin Identification (Continued)
28-Pin DIP and SOIC Standard Mode
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com