Electronic Components Datasheet Search
  English  ▼

X  

Z86L82 Datasheet(PDF) 46 Page - Zilog, Inc.

Part # Z86L82
Description  Programmable input glitch filter for pulse reception
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L82 Datasheet(HTML) 46 Page - Zilog, Inc.

Back Button Z86L82 Datasheet HTML 42Page - Zilog, Inc. Z86L82 Datasheet HTML 43Page - Zilog, Inc. Z86L82 Datasheet HTML 44Page - Zilog, Inc. Z86L82 Datasheet HTML 45Page - Zilog, Inc. Z86L82 Datasheet HTML 46Page - Zilog, Inc. Z86L82 Datasheet HTML 47Page - Zilog, Inc. Z86L82 Datasheet HTML 48Page - Zilog, Inc. Z86L82 Datasheet HTML 49Page - Zilog, Inc. Z86L82 Datasheet HTML 50Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
Z86L82/85/88
28-Pin Low-Voltage IR Microcontrollers
PS009007-1202
39
Common Control Register to Counter/Timer T8 and T16
This register controls the functions in common with the T8 and T16. See Table 19.
Table 19. CTR1(D)01h Register
Field
Bit Position
Value
Description
Mode
7-------
R/W
0*
Transmit Mode
Demodulation Mode
P36_Out/Demodulator_Input
-6------
R/W
0*
1
0
1
Transmit Mode
Port Output
T8/T16 Output
Demodulation Mode
P31
P20
T8/T16_Logic/Edge _Detect
--54----
R/W
00
01
10
11
00
01
10
11
Transmit Mode
AND
OR
NOR
NAND
Demodulation Mode
Falling Edge
Rising Edge
Both Edges
Reserved
Transmit_Submode/Glitch_Filter
----32--
R/W
00
01
10
11
00
01
10
11
Transmit Mode
Normal Operation
Ping-Pong Mode
T16_Out = 0
T16_Out = 1
Demodulation Mode
No Filter
4 SCLK Cycle
8 SCLK Cycle
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com