Electronic Components Datasheet Search
  English  ▼

X  

Z86L82 Datasheet(PDF) 49 Page - Zilog, Inc.

Part # Z86L82
Description  Programmable input glitch filter for pulse reception
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L82 Datasheet(HTML) 49 Page - Zilog, Inc.

Back Button Z86L82 Datasheet HTML 45Page - Zilog, Inc. Z86L82 Datasheet HTML 46Page - Zilog, Inc. Z86L82 Datasheet HTML 47Page - Zilog, Inc. Z86L82 Datasheet HTML 48Page - Zilog, Inc. Z86L82 Datasheet HTML 49Page - Zilog, Inc. Z86L82 Datasheet HTML 50Page - Zilog, Inc. Z86L82 Datasheet HTML 51Page - Zilog, Inc. Z86L82 Datasheet HTML 52Page - Zilog, Inc. Z86L82 Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
Z86L82/85/88
28-Pin Low-Voltage IR Microcontrollers
PS009007-1202
42
CTR2 Counter/Timer16 Control Register
Table 20 describes the contents of the CTR2 register.
T16_Enable
This field enables T16 when set to 1.
Single/Modulo-N
In transmit mode, when this bit is set to 0, the counter reloads the initial value
when the terminal count is reached. When this bit is set to 1, the counter stops
when the terminal count is reached.
Table 20. CTR2 (D)02h: Counter/Timer16 Control Register
Field
Bit Position
Value
Description
T16_Enable
7-------
R
W
0*
1
0
1
Counter Disabled
Counter Enabled
Stop Counter
Enable Counter
Single/Modulo-N
-6------
R/W
0
1
0
1
Transmit Mode
Modulo-N
Single Pass
Demodulation Mode
T16 Recognizes Edge
T16 Does Not Recognize Edge
Time_Out
--5-----
R
W
0
1
0
1
No Counter Time-Out
Counter Time-Out Occurred
No Effect
Reset Flag to 0
T16 _Clock
---43---
R/W
00
01
10
11
SCLK
SCLK/2
SCLK/4
SCLK/8
Capture_INT_Mask
-----2--
R/W
0
1
Disable Data Capture Int.
Enable Data Capture Int.
Counter_INT_Mask
------1-
R/W
0
Disable Time-Out Int.
Enable Time-Out Int.
P35_OUT
-------0
R/W
0*
1
P35 as Port Output
T16 Output on P35
Note:
* Indicates the value upon Power-On Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com