Electronic Components Datasheet Search
  English  ▼

X  

HPC46100 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC46100
Description  HPC46100 High-Performance microController with DSP Capability
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC46100 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  HPC46100 Datasheet HTML 1Page - National Semiconductor (TI) HPC46100 Datasheet HTML 2Page - National Semiconductor (TI) HPC46100 Datasheet HTML 3Page - National Semiconductor (TI) HPC46100 Datasheet HTML 4Page - National Semiconductor (TI) HPC46100 Datasheet HTML 5Page - National Semiconductor (TI) HPC46100 Datasheet HTML 6Page - National Semiconductor (TI) HPC46100 Datasheet HTML 7Page - National Semiconductor (TI) HPC46100 Datasheet HTML 8Page - National Semiconductor (TI) HPC46100 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
40 MHz (Continued)
AC Electrical Characteristics (Continued)
See Notes 1 and 4 and
Figure 1 thru Figure 5 VCC e 50V g10% unless otherwise specified TA e 25 C one wait state
Symbol
Parameter
Min
Max
Units
E SIGNAL TIMING PARAMETERS
tRWSE e 025 tC b 7WR Falling Edge to E Rising Edge
55
ns
tRWHE e 05 tC b 7
E Falling Edge to WR Rising Edge
18
ns
tASE e tC b 20
Address Valid to E Rising Edge
30
ns
tRDE e WS b 20
E Falling Edge to Data Input Valid
30
ns
SLOW PERIPHERAL TIMING PARAMETERS
tPLL e tC b 5
PALE Pulse Width
45
ns
tPST e 075 tC b 10
Address Valid to PALE Falling Edge
275
ns
tPVL e 075 tC b 15
Address Hold from PALE Falling Edge
225
ns
tPVP e 075 tC b 10
PALE Falling Edge to RD or WR Falling Edge
275
ns
tPCSA e 025 tC b 125
Chip Select Setup to PALE Falling Edge
0
ns
tPAS e 15 tC b 20
Address Setup to RD or WR Falling Edge
55
ns
tPCSS e tC b 15
Chip Select Setup to RD or WR Falling Edge
35
ns
tPCSH e 05 tC b 15
Chip Select Hold from RD or WR Rising Edge
10
ns
tPACC e 5tC b 25
Address Valid to Input Data Valid
225
ns
tPRD e 35 tC b 25
RD Falling Edge to Data In Valid
150
ns
tPDR e tC (max)
Data Hold after RD Rising Edge
0
50
ns
tPRW e 35 tC b 15
RD Strobe Width
160
ns
tPSW e 30 tC b 20
Data Setup before WR Rising Edge
130
ns
tPHW e tC b 20
Data Hold after WR Rising Edge
30
ns
tPWW e 35 tC b 15
WR Strobe Width
160
ns
Note
CL e 40 pF
Note 1
These AC characteristics are guaranteed with external clock drive on CKI having 50% duty cycle and with less than 15 pF load on CKO with rise and fall
times (tCKIR and tCKIL) on CKI input less than 25 ns
Note 2
Do not design with these parameters unless CKI is driven with an active signal When using a passive crystal circuit its stability is not guaranteed if either
CKI or CKO is connected to any external logic other than the passive components of the crystal circuit
Note 3
tHAE is spec’d for case with HLD falling edge occurring at the latest time it can be accepted during the present CPU cycle begin executed If HLD falling
edge occurs later tHAE as long as (3 tC a 4WS a 72 tC a 100) may occur depending on the following CPU instruction cycles its wait states and ready input
Note 4
WS (tWAIT) x (number of preprogrammed wait states) Minimum and maximum values are calculated at maximum operating frequency tC e 40 MHz with
one wait state programmed
Note 5
Due to testing limitationsactual limits will be better
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com