Electronic Components Datasheet Search
  English  ▼

X  

HPC46100 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC46100
Description  HPC46100 High-Performance microController with DSP Capability
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC46100 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button HPC46100 Datasheet HTML 15Page - National Semiconductor (TI) HPC46100 Datasheet HTML 16Page - National Semiconductor (TI) HPC46100 Datasheet HTML 17Page - National Semiconductor (TI) HPC46100 Datasheet HTML 18Page - National Semiconductor (TI) HPC46100 Datasheet HTML 19Page - National Semiconductor (TI) HPC46100 Datasheet HTML 20Page - National Semiconductor (TI) HPC46100 Datasheet HTML 21Page - National Semiconductor (TI) HPC46100 Datasheet HTML 22Page - National Semiconductor (TI) HPC46100 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Chip Select Signals (Continued)
The Chip Select Address Range Selection (SEL) defines the
address range the chip select is valid over For Chip Select
0 (CSC0) the address range starts at location 0800 hex and
extends to S0FFF hex where S0 is the 4-bit contents of the
SEL field For both Chip Select 1 (CSC1) and Chip Select 2
(CSC2) the SEL field defines a single 4 kbyte range S1000
through S1FFF for CSC1 and S2000 through S2FFF for
CSC2 where S1 and S2 are their respective SEL field con-
tents These ranges can be used to control peripherals by
using the ‘‘Slow Peripheral’’ bus timing mode Chip Select 3
(CSC3) defines a range beginning at S3000 hex and contin-
uing through FFFF hex This range will typically define the
off-chip ROM space See
Figure 18
FFFF
9000
w S3 e 9
7FFF
w S2 e 7
7000
5FFF
w S1 e 5
5000
2FFF
w S0 e 2
0800
(On-Chip)
0000
Shaded Ranges Present
No Chip Select and
Global Bus Features
are Selected
FIGURE 18 Chip Select Address Ranges
Chip Select 0 and Chip Select 3 can be programmed inde-
pendently to operate with 1 2 or 4 wait states Chip Select 1
and 2 can be programmed independently to operate in na-
tive bus mode with 1 2 or 4 wait states or slow peripheral
bus mode
Timer Overview
The HPC46100 contains seven 16-bit timers four core tim-
ers and three high speed timers Timers T0 – T3 are the
standard core timers and are fully compatible with the core
timers on other HPC family members See
Figure 19 and
Figure 20
TLDD11289 – 21
FIGURE 19 Timers T0 – T1 Block
TLDD11289 – 22
FIGURE 20 Timers T2 – T3 Block
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com