Electronic Components Datasheet Search
  English  ▼

X  

HPC46100 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC46100
Description  HPC46100 High-Performance microController with DSP Capability
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC46100 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button HPC46100 Datasheet HTML 13Page - National Semiconductor (TI) HPC46100 Datasheet HTML 14Page - National Semiconductor (TI) HPC46100 Datasheet HTML 15Page - National Semiconductor (TI) HPC46100 Datasheet HTML 16Page - National Semiconductor (TI) HPC46100 Datasheet HTML 17Page - National Semiconductor (TI) HPC46100 Datasheet HTML 18Page - National Semiconductor (TI) HPC46100 Datasheet HTML 19Page - National Semiconductor (TI) HPC46100 Datasheet HTML 20Page - National Semiconductor (TI) HPC46100 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
HPC46100 Interrupts (Continued)
TLDD11289 – 18
FIGURE 15 Interrupt Enable Logic
MultiplyAccumulate Unit (MAU)
This is dedicated hardware that is supported by instructions
which perform basic multiply-accumulate DSP steps for FIR
and IIR filter calculations an arithmetic right shift of the
Math unit Result Register (MRR) and a signed multiply of
two 16-bit values producing a 32-bit result
The MACZ and MAC instructions support the MAU by fetch-
ing data and performing circular buffer management in par-
allel with the multiplication The MACZ instruction is used
initially and it is followed by a string of additional MAC in-
structions
one instruction per filter tap (including the
MACZ) The source values are taken as 16-bit values there
is not a form that operates on byte-wide inputs The MACZ
instruction clears the result register before completing the
first multiply operation
The MAC instruction is opcode 38 hex The MACZ instruc-
tion is opcode 39 hex Both instructions are one byte in
length and neither allows use of an Addressing Directive
prefix
The specific function performed is as follows
Y
Clear MRR to zero (MACZ instruction only)
Y
Fetch 16-bit data pointed to by B and issue it to the
MAU as the first operand
Y
Increment B by two (bytes)
compare B with K
if
B l K then load B from A
Y
Fetch 16-bit data pointed to by X increment X by two
(bytes)
Y
Issue data to the MAU to start multiply-accumulate op-
eration The MAU multiplies the two operands issued to
it and adds the 32-bit result to the current 32-bit con-
tents of the MRR register
On completion the result goes to the MRR register The
MVP bit in the PSW is set to a ‘‘1’’ if a signed (2’s comple-
ment) overflow occurred in the positive direction as a result
of the accumulation substep (overflow from the multiplica-
tion substep is impossible) If the overflow occurred in the
negative direction the MVN bit is set instead Neither of
these bits is affected by the MAU if the other is already set
By stringing together a sequence of MAC instructions the
HPC46100 can do a multiply-accumulate every 9 cycles (as-
suming a 1 wait state instruction fetch) At 40 MHz this
gives a 450 ns multiply-accumulate (including data fetching
and circular buffer management) This can be reduced to
400 ns if executed from internal RAM
Chip Select Signals
CHIP SELECT LOGIC
The chip select logic can produce up to four chip select
signals without any off-chip logic The chip select logic sup-
ports two bus timing modes The first bus timing mode is
native bus mode which is the standard bus mode of all HPC
family members The second bus mode is the slow peripher-
al bus mode which allows the HPC46100 to interface with
slow peripherals without external chip select logic There is
an additional data strobe provided for auxiliary bus timing
This auxiliary strobe is called the E signal
Each of chip select signals is controlled by a dedicated chip
select control register (CSC0 – CSC3) The control registers
contain one bit to enabledisable the chip select signals
one bit to select the polarity of the chip select signal two
bits program the wait states of the data accesses four bits
that select the address range which the chip select signals
are active in and one bit to enable or disable the E signal
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com