| Electronic Components Datasheet Search |
|
F2255 Datasheet(PDF) 18 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
F2255 Datasheet(HTML) 18 Page - Integrated Device Technology |
|
18 / 24 page ![]() Voltage Variable RF Attenuator 50MHz to 6000MHz Voltage Variable RF Attenuator 18 REV 4, January 2017 F2250NLGK Datasheet PIN DESCRIPTION Pin Name Function 1, 5, 6, 7, 8, 12, 13 GND Ground these pins as close to the device as possible. 2, 4, 9, 11 NC No internal connection. These pins can be left unconnected or connected to ground (recommended). 3 RF1 RF Port 1. Matched to 50 ohms. Must use an external AC coupling capacitor as close to the device as possible. For low frequency operation increase the capacitor value to result in a low reactance at the frequency of interest. 10 RF2 RF Port 2. Matched to 50 ohms. Must use an external AC coupling capacitor as close to the device as possible. For low frequency operation increase the capacitor value to result in a low reactance at the frequency of interest. 14 VCTRL Attenuator control voltage. Apply a voltage in the range as specified in the Operating Conditions. See application section for details about VCTRL. 15 VDD Power supply input. Bypass to GND with capacitors close as possible to pin. 16 VMODE Attenuator slope control. Set to logic LOW to enable negative attenuation slope. Set to logic HIGH to enable positive attenuation slope. — EP Exposed Pad. Internally connected to GND. Solder this exposed pad to a PCB pad that uses multiple ground vias to achieve the specified RF performance. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |