Electronic Components Datasheet Search
  English  ▼

X  

F2255 Datasheet(PDF) 17 Page - Integrated Device Technology

Part # F2255
Description  Voltage Variable RF Attenuator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2255 Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button F2255 Datasheet HTML 13Page - Integrated Device Technology F2255 Datasheet HTML 14Page - Integrated Device Technology F2255 Datasheet HTML 15Page - Integrated Device Technology F2255 Datasheet HTML 16Page - Integrated Device Technology F2255 Datasheet HTML 17Page - Integrated Device Technology F2255 Datasheet HTML 18Page - Integrated Device Technology F2255 Datasheet HTML 19Page - Integrated Device Technology F2255 Datasheet HTML 20Page - Integrated Device Technology F2255 Datasheet HTML 21Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Voltage Variable RF Attenuator
50MHz to 6000MHz
Voltage Variable RF Attenuator
17
REV 4, January 2017
F2250NLGK
Datasheet
PINOUT & BLOCK DIAGRAM
GND
1
4
3
2
NC
NC
RF1
RF2
12
9
10
NC
11
NC
GND
Control
5
6
7
8
13
14
15
16
E.P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com