Electronic Components Datasheet Search
  English  ▼

X  

F2255 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # F2255
Description  Voltage Variable RF Attenuator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2255 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button F2255 Datasheet HTML 6Page - Integrated Device Technology F2255 Datasheet HTML 7Page - Integrated Device Technology F2255 Datasheet HTML 8Page - Integrated Device Technology F2255 Datasheet HTML 9Page - Integrated Device Technology F2255 Datasheet HTML 10Page - Integrated Device Technology F2255 Datasheet HTML 11Page - Integrated Device Technology F2255 Datasheet HTML 12Page - Integrated Device Technology F2255 Datasheet HTML 13Page - Integrated Device Technology F2255 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Voltage Variable RF Attenuator
50MHz to 6000MHz
Voltage Variable RF Attenuator
10
REV 4, January 2017
F2250NLGK
Datasheet
TYPICAL OPERATING CONDITIONS [S2P VS. FREQUENCY] (-5-)
Min. & Max. Attenuation vs. Frequency
Worst-Case RF1 Return Loss vs. Frequency
Max. Insertion Phase
 vs. Frequency
Min. & Max. Attenuation Slope vs. Frequency
Worst-Case RF2 Return Loss vs. Frequency
Gain Compression vs. Frequency
-39
-37
-35
-33
-31
-29
-27
-25
-23
-8
-7
-6
-5
-4
-3
-2
-1
0
0
1
2
3
4
5
6
Frequency (GHz)
-40C / Vctrl = 0V
25C / Vctrl = 0V
105C / Vctrl = 0V
-40C / Vctrl = 3V
25C / Vctrl = 3V
105C / Vctrl = 3V
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
Frequency (GHz)
-40C
25C
105C
-10
0
10
20
30
40
50
60
70
0
1
2
3
4
5
6
Frequency (GHz)
-40C
25C
105C
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
6
Frequency (GHz)
Max. Slope
Min. Slope
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
Frequency (GHz)
-40C
25C
105C
-2
-1.5
-1
-0.5
0
0.5
1
14
16
18
20
22
24
26
28
30
32
34
36
38
RF Input Power (dBm)
50MHz
100MHz
200MHz
400MHz
500MHz
1000MHz
2000MHz
4000MHz
6000MHz
VCTRL varied from 0.8V to 1.8V
(positive phase = electrically shorter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com