Electronic Components Datasheet Search
  English  ▼

X  

F2255 Datasheet(PDF) 22 Page - Integrated Device Technology

Part # F2255
Description  Voltage Variable RF Attenuator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2255 Datasheet(HTML) 22 Page - Integrated Device Technology

Back Button F2255 Datasheet HTML 16Page - Integrated Device Technology F2255 Datasheet HTML 17Page - Integrated Device Technology F2255 Datasheet HTML 18Page - Integrated Device Technology F2255 Datasheet HTML 19Page - Integrated Device Technology F2255 Datasheet HTML 20Page - Integrated Device Technology F2255 Datasheet HTML 21Page - Integrated Device Technology F2255 Datasheet HTML 22Page - Integrated Device Technology F2255 Datasheet HTML 23Page - Integrated Device Technology F2255 Datasheet HTML 24Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Voltage Variable RF Attenuator
50MHz to 6000MHz
Voltage Variable RF Attenuator
22
REV 4, January 2017
F2250NLGK
Datasheet
EVKIT PICTURE / LAYOUT (TOP SIDE)
RF2
RF1
VCTRL
VDD
Short GND pin to VMODE pin to set
for negative attenuation slope. For
positive attenuation slope move
shorting shunt from VMODE to VHI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com