Electronic Components Datasheet Search
  English  ▼

X  

F2255 Datasheet(PDF) 19 Page - Integrated Device Technology

Part # F2255
Description  Voltage Variable RF Attenuator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2255 Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button F2255 Datasheet HTML 15Page - Integrated Device Technology F2255 Datasheet HTML 16Page - Integrated Device Technology F2255 Datasheet HTML 17Page - Integrated Device Technology F2255 Datasheet HTML 18Page - Integrated Device Technology F2255 Datasheet HTML 19Page - Integrated Device Technology F2255 Datasheet HTML 20Page - Integrated Device Technology F2255 Datasheet HTML 21Page - Integrated Device Technology F2255 Datasheet HTML 22Page - Integrated Device Technology F2255 Datasheet HTML 23Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Voltage Variable RF Attenuator
50MHz to 6000MHz
Voltage Variable RF Attenuator
19
REV 4, January 2017
F2250NLGK
Datasheet
APPLICATIONS INFORMATION
Default Start-up
VMODE must be tied to either GND or Logic HIGH. If VCTRL pin is left floating, the part will power up in the
minimum attenuation state when VMODE = GND, or the maximum attenuation state when VMODE = High.
VCTRL
The VCTRl pin is used to control the attenuation of the F2250. With VMODE set to a logic low (high) this places
the device in a negative (positive) slope mode where increasing (decreasing) voltage produces an increasing
(a decreasing) attenuation from min attenuation (max attenuation) to max attenuation (min attenuation)
respectively. The VCTRl pin has an on-chip pullup ESD diode so VDD should be applied before VCTRl is applied.
If this sequencing is not possible, then resistor R2 should be set for 1kΩ to limit the current into the VCTRL pin.
VMODE
The VMODE pin is used to set the attenuation vs. VCTRl slope. With VMODE set to logic low (high) this will set the
attenuation slope to be negative (positive). A negative (positive) slope is defined as increased (decreased)
attenuation with increasing (decreasing) VCTRl voltage. The EVKIT provides and on-board jumper to manually
set the VMODE. Installing a jumper on header J2 from VMODE to GND (VHI) to set the device for a negative
(positive) slope.
RF1 and RF2 Ports
The F2250 is a bi-directional device thus allowing RF1 or RF2 to be used as the RF input. As displayed in the
Typical Operating Conditions curves, RF1 shows some enhanced linearity performance and therefore should
be used as the RF input, if possible, for best results. This F2250 has been designed to accept high RF input
power levels, therefore VDD must be applied prior to the application of RF power to ensure reliability. DC
blocking capacitors are required on the RF pins and should be set to a value that results in a low reactance
over the frequency range of interest.
Power Supplies
The supply pin should be bypassed with external capacitors to minimize noise and fast transients. Supply noise
can degrade noise figure and fast transients can trigger ESD clamps and cause them to fail. Supply voltage
change or transients should have a slew rate smaller than 1V/20uS. In addition, all control pins should remain
at 0V (+/-0.3V) while the supply voltage ramps or while it returns to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com