Electronic Components Datasheet Search
  English  ▼

X  

F2255 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # F2255
Description  Voltage Variable RF Attenuator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2255 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button F2255 Datasheet HTML 8Page - Integrated Device Technology F2255 Datasheet HTML 9Page - Integrated Device Technology F2255 Datasheet HTML 10Page - Integrated Device Technology F2255 Datasheet HTML 11Page - Integrated Device Technology F2255 Datasheet HTML 12Page - Integrated Device Technology F2255 Datasheet HTML 13Page - Integrated Device Technology F2255 Datasheet HTML 14Page - Integrated Device Technology F2255 Datasheet HTML 15Page - Integrated Device Technology F2255 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Voltage Variable RF Attenuator
50MHz to 6000MHz
Voltage Variable RF Attenuator
12
REV 4, January 2017
F2250NLGK
Datasheet
TYPICAL OPERATING CONDITIONS 2GHZ, VDD=3.3V [IP3, IP2, IH2, IH3 VS. VCTRL, VMODE] (-7-)
Input IP3 vs. VCTRL
Input IP2 vs. VCTRL
2nd Harm Input Intercept Point vs. VCTRL
Output IP3 vs. VCTRL
Output IP2 vs. VCTRL
3rd Harm Input Intercept Point vs. VCTRL
30
35
40
45
50
55
60
65
70
75
80
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6
V
CTRL (V)
-40C / Vmode = 0V
25C / Vmode = 0V
105C / Vmode = 0V
-40C / Vmode= 3V
25C / Vmode= 3V
105C / Vmode= 3V
50
60
70
80
90
100
110
120
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6
V
CTRL (V)
-40C / Vmode = 0V
25C / Vmode = 0V
105C / Vmode = 0V
-40C / Vmode = 3V
25C / Vmode = 3V
105C / Vmode = 3V
60
70
80
90
100
110
120
130
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6
V
CTRL (V)
-40C / Vmode = 0V
25C / Vmode = 0V
105C / Vmode = 0V
-40C / Vmode = 3V
25C / Vmode = 3V
105C / Vmode = 3V
10
15
20
25
30
35
40
45
50
55
60
65
70
75
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6
V
CTRL (V)
-40C / Vmode = 0V
25C / Vmode = 0V
105C / Vmode = 0V
-40C / Vmode= 3V
25C / Vmode= 3V
105C / Vmode= 3V
50
60
70
80
90
100
110
120
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6
V
CTRL (V)
-40C / Vmode = 0V
25C / Vmode = 0V
105C / Vmode = 0V
-40C / Vmode = 3V
25C / Vmode = 3V
105C / Vmode = 3V
10
20
30
40
50
60
70
80
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6
V
CTRL (V)
-40C / Vmode = 0V
25C / Vmode = 0V
105C / Vmode = 0V
-40C / Vmode = 3V
25C / Vmode = 3V
105C / Vmode = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com