Electronic Components Datasheet Search
  English  ▼

X  

F2255 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # F2255
Description  Voltage Variable RF Attenuator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2255 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button F2255 Datasheet HTML 7Page - Integrated Device Technology F2255 Datasheet HTML 8Page - Integrated Device Technology F2255 Datasheet HTML 9Page - Integrated Device Technology F2255 Datasheet HTML 10Page - Integrated Device Technology F2255 Datasheet HTML 11Page - Integrated Device Technology F2255 Datasheet HTML 12Page - Integrated Device Technology F2255 Datasheet HTML 13Page - Integrated Device Technology F2255 Datasheet HTML 14Page - Integrated Device Technology F2255 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Voltage Variable RF Attenuator
50MHz to 6000MHz
Voltage Variable RF Attenuator
11
REV 4, January 2017
F2250NLGK
Datasheet
TYPICAL OPERATING CONDITIONS [S2P @ LOW FREQUENCY, GROUP DELAY] (-6-)
Min. & Max. Attenuation vs. Low Frequency
Low-Frequency RF1 Return Loss vs. VCTRL
Worst-Case Return Loss vs. Low Frequency
Low-Frequency Attenuation vs. VCTRL
Low-Frequency RF2 Return Loss vs. VCTRL
Group Delay vs. VCTRL
-38
-34
-30
-26
-22
-18
-14
-10
-7
-6
-5
-4
-3
-2
-1
0
0
100
200
300
400
500
Frequency (MHz)
-40C / Vctrl = 0V
25C / Vctrl = 0V
105C / Vctrl = 0V
-40C / Vctrl = 3V
25C / Vctrl = 3V
105C / Vctrl = 3V
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.2
0.4
0.6 0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4 2.6
VCTRL (V)
-40C / 43MHz
25C / 43MHz
105C / 43MHz
-40C / 128MHz
25C / 128MHz
105C / 128MHz
-40C / 255MHz
25C / 255MHz
105C / 255MHz
-20
-15
-10
-5
0
0
100
200
300
400
500
Frequency (MHz)
-40C /RF1
25C / RF1
105C / RF1
-40C / RF2
25C / RF2
105C / RF2
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6
VCTRL (V)
-40C / 43MHz
25C / 43MHz
105C / 43MHz
-40C / 128MHz
25C / 128MHz
105C / 128MHz
-40C / 255MHz
25C / 255MHz
105C / 255MHz
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6
VCTRL (V)
-40C / 43MHz
25C / 43MHz
105C / 43MHz
-40C / 128MHz
25C / 128MHz
105C / 128MHz
-40C / 255MHz
25C / 255MHz
105C / 255MHz
(C7,C8 set to 0.1uF)
(C7,C8 set to 0.1uF)
(C7,C8 set to 0.1uF)
(C7,C8 set to 0.1uF)
(C7,C8 set to 0.1uF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com