Electronic Components Datasheet Search
  English  ▼

X  

AS3636 Datasheet(PDF) 8 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 8 Page - ams AG

Back Button AS3636 Datasheet HTML 4Page - ams AG AS3636 Datasheet HTML 5Page - ams AG AS3636 Datasheet HTML 6Page - ams AG AS3636 Datasheet HTML 7Page - ams AG AS3636 Datasheet HTML 8Page - ams AG AS3636 Datasheet HTML 9Page - ams AG AS3636 Datasheet HTML 10Page - ams AG AS3636 Datasheet HTML 11Page - ams AG AS3636 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
8 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VBAT = 3.7V, TAMB = +25ºC (unless otherwise specified)
Charging Waveform (VFLASH vs. time at 2.7V, 3.7V, 4.2V; IVBAT vs. time)
Charging time (time[s] vs. VVBAT)
VFLASH Output voltage vs. VVBAT (at -30ºC, 25ºC, 85ºC)
VFLASH Output voltage vs. TAMB
Switching waveform details (single cycle: VSW_F, IVBAT)
IGBT Drive waveforms for short pulses (e.g. 5µs) STROBE, IGBT_GATE vs. time
DCDC Boost Efficiency vs. VVBAT
DCDC Boost Application Efficiency (PLED/PVBAT) vs. VVBAT
IVBAT startup for Torch/AF LED
IVLED output vs. TAMB in Assist mode
Oscillator frequency fCLK vs. TAMB
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com