Electronic Components Datasheet Search
  English  ▼

X  

AS3636 Datasheet(PDF) 6 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 6 Page - ams AG

Back Button AS3636 Datasheet HTML 2Page - ams AG AS3636 Datasheet HTML 3Page - ams AG AS3636 Datasheet HTML 4Page - ams AG AS3636 Datasheet HTML 5Page - ams AG AS3636 Datasheet HTML 6Page - ams AG AS3636 Datasheet HTML 7Page - ams AG AS3636 Datasheet HTML 8Page - ams AG AS3636 Datasheet HTML 9Page - ams AG AS3636 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
6 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - E l e c t r i c a l C h a r a c t e r i s t i c s
VIHSTROBE
High Level Input
Voltage
Pin STROBE
0.74
VBAT
V
VILSTROBE
Low Level Input
Voltage
0.0
0.54
V
VOL
Low Level Output
Voltage
Pins INT and SDA; IOL=3mA
0.2
V
ILEAK
Leakage current
Pins SDA, SCL, INT
-10
+10
µA
RPULLDOWN
Pulldown resistor to
GND
Pins TORCH and STROBE
at 1.8V
35
48
65
k
Ω
at 1.2V
37.5
k
Ω
tDEBTORCH
TORCH debounce
time
6.3
9
11.7
ms
tSTROBE_MIN
STROBE minimum
timing
200
ns
I
2C mode timings - see Figure 3 on page 7
tTIMEOUT
SCL timeout
In active mode, if SCL is low for this time, the
device enters shutdown mode - see Figure 5,
“AS3636 operating mode,” on page 10
35
100
ms
fSCLK
SCL Clock Frequency
30
400k
Hz
tBUF
Bus Free Time
Between a STOP and
START Condition
1.3
µs
tHD:STA
Hold Time (Repeated)
START Condition
4
0.6
µs
tLOW
LOW Period of SCL
Clock
1.3
µs
tHIGH
HIGH Period of SCL
Clock
0.6
µs
tSU:STA
Setup Time for a
Repeated START
Condition
0.6
µs
tHD:DAT
Data Hold Time
5
00.9
µs
tSU:DAT
Data Setup Time
6
100
ns
tR
Rise Time of Both
SDA and SCL Signals
20 +
0.1CB
300
ns
tF
Fall Time of Both SDA
and SCL Signals
20 +
0.1CB
300
ns
tSU:STO
Setup Time for STOP
Condition
0.6
µs
CB
Capacitive Load for
Each Bus Line
CB — total capacitance of one bus line in pF
400
pF
CI/O
I/O Capacitance
(SDA, SCL)
10
pF
Transformer Parameters - only use transformers approved by austriamicrosystems, see Recommended
Transformers on page 37
LPRIMARY
Primary Inductance
6
µH
LLEAK
Primary Leakage
Inductance
0.4
µH
Table 3. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com