Electronic Components Datasheet Search
  English  ▼

X  

AS3636 Datasheet(PDF) 12 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 12 Page - ams AG

Back Button AS3636 Datasheet HTML 8Page - ams AG AS3636 Datasheet HTML 9Page - ams AG AS3636 Datasheet HTML 10Page - ams AG AS3636 Datasheet HTML 11Page - ams AG AS3636 Datasheet HTML 12Page - ams AG AS3636 Datasheet HTML 13Page - ams AG AS3636 Datasheet HTML 14Page - ams AG AS3636 Datasheet HTML 15Page - ams AG AS3636 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
12 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Standby mode is entered upon following conditions and Xenon Control Register, LED Control Register, Control Regis-
ter and Interrupt Status Register
5 are reset to their default:
1. STDBY is set to 1
2. Any fault condition (TOF, CTF, BCF, OTPF, AFF or ILF)
3. No flash is triggered within one minute and WATCHDOG=1
By writing ‘1’ into register RESET, all registers can be reset to their default.
In active mode, if SCL = 0 for 35ms and an EEPROM write is not pending, all registers are reset to their default values
and shutdown mode is entered reducing current consumption to a minimum.
Autofocus (AF) LED on pin VLED operating modes
The AF LED can be enabled with the TORCH input or the AF register bit or gated by the STROBE input if AFSTROBE
is set. If AFSTROBE is used, the DCDC converter is always run at 5V
6 to allow for immediate reaction to the STROBE
input signal (within µs). The AFSTROBE register bit has priority over AF signal or TORCH input.
If AF or AFSTROBE is used and WATCHDOG=1, the AF LED and DCDC boost converter is automatically disabled
after one minute. Any read or write access to any AS3636 register resets this watchdog timer.
Figure 7. Autofocus LED operating modes
If the AF LED on pin VLED is switched on (as shown in Figure 7, by setting the pin TORCH=H or with the register bit
AF and AFSTROBE) the current through the LED is defined by Max_LED_current (for TORCH=H) and
AF_LED_current (for AF and AFSTROBE); if PWM=1, then the AF_LED_current current is PWM modulated with a
duty cycle defined by AF_LED_PWM.
DCDC Boost Converter VOUTBOOST
VOUTBOOST is used for the IGBT driver and for the autofocus (AF) LED. Therefore it supports 5V constant voltage
output and a constant current mode (where the 5V voltage output has priority) as shown in Figure 8:
Figure 8. DCDC Boost converter operating modes
5. Interrupt Status Register is only reset if STDBY is set by the interface
6. Using the internal signal VOUTBOOST_5V_AFSTROBE - see DCDC Boost Converter VOUTBOOST


 


 





 !


 

"!!#! $!%& ! %#!


  !"
#$ %
&"
'('((!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com