Electronic Components Datasheet Search
  English  ▼

X  

AS3636 Datasheet(PDF) 31 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 31 Page - ams AG

Back Button AS3636 Datasheet HTML 27Page - ams AG AS3636 Datasheet HTML 28Page - ams AG AS3636 Datasheet HTML 29Page - ams AG AS3636 Datasheet HTML 30Page - ams AG AS3636 Datasheet HTML 31Page - ams AG AS3636 Datasheet HTML 32Page - ams AG AS3636 Datasheet HTML 33Page - ams AG AS3636 Datasheet HTML 34Page - ams AG AS3636 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
31 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Table 20. LED Current Register
Addr: 10h
LED Current Register
AF LED and indicator LED current and PWM settings
Bit
Bit Name
Default Access
Description
2:0
AF_LED_current
1
000b
R/W
AF LED Current settings
000
10mA
001
15mA
010
20mA
011
28mA
100
37mA
101
50mA
110
65mA
111
80mA
5:3
AF_LED_PWM
2
000b
R/W
AF LED PWM setting
000
1/32
001
2/32
010
3/32
011
5/32
100
8/32
101
12/32
110
20/32
111
32/32
7:6
IND_LED_current
00b
R/W
Indicator LED current setting
00
2mA
01
4mA
10
8mA
11
16mA
1. AF_LED_current setting is automatically limited to Max_LED_current (see page 32)
2. The internal PWM generator output frequency is 31.25kHz (to avoid audible noise)
Table 21. LED Control Register
Addr: 11h
LED Control Register
Control AF LED and indicator LED operating mode
Bit
Bit Name
Default Access
Description
0
IND
1
0R/W
Indicator LED on/off
0off
1
if ILP=0: use VLED output with AF_LED_current and
AF_LED_PWM duty cycle
if ILP=1: use IND output with IND_LED_current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com