Electronic Components Datasheet Search
  English  ▼

X  

AS3636 Datasheet(PDF) 10 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 10 Page - ams AG

Back Button AS3636 Datasheet HTML 6Page - ams AG AS3636 Datasheet HTML 7Page - ams AG AS3636 Datasheet HTML 8Page - ams AG AS3636 Datasheet HTML 9Page - ams AG AS3636 Datasheet HTML 10Page - ams AG AS3636 Datasheet HTML 11Page - ams AG AS3636 Datasheet HTML 12Page - ams AG AS3636 Datasheet HTML 13Page - ams AG AS3636 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
10 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Operating modes
Figure 5. AS3636 operating mode
The internal operating modes are chosen according to the flowchart in Figure 5. The xenon charging procedure is
described in Figure 6.
The AS3636 wakes up from shutdown mode by sensing its bus. If SCL raises, the AS3636 enters standby modes and
the I
2C interface is operating. If any activity is sensed (any of the register bits AF, AFSTROBE, IND, INDP, CAR or
CHARGE is set), the AS3636 enters active mode.
  

 

  !" ##$
 %&  '" ##
 %&" ##
   "

 (  
)

 (  
'*
 (  
#
&+)
   ,
#( - 
+.%/*! , 0 ,12 -
 3&+4,2# ( -
 &+  5 4# ( -
 &+    # ,# ( -
 %&&+%&'*#( -
 5
 5
##
 / 
%  6%54 
 /7 
%  6%54 
%54
%  6%54 "+%& %&  '
  8*  8*3 
/% !' % -
 /7
%  6
%5 4 
%  6
%5 4 

 2   
 
*9
7# :,
  2 ''3   



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com