Electronic Components Datasheet Search
  English  ▼

X  

MAX9721 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9721
Description  1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9721 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9721 Datasheet HTML 4Page - Maxim Integrated Products MAX9721 Datasheet HTML 5Page - Maxim Integrated Products MAX9721 Datasheet HTML 6Page - Maxim Integrated Products MAX9721 Datasheet HTML 7Page - Maxim Integrated Products MAX9721 Datasheet HTML 8Page - Maxim Integrated Products MAX9721 Datasheet HTML 9Page - Maxim Integrated Products MAX9721 Datasheet HTML 10Page - Maxim Integrated Products MAX9721 Datasheet HTML 11Page - Maxim Integrated Products MAX9721 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
frequency noise attenuation can be achieved by
increasing the size of C2 (see the Functional Diagram).
Extra noise attenuation is not typically required.
Shutdown
The MAX9721’s low-power shutdown mode reduces sup-
ply current to 1µA. Driving SHDN low disables the ampli-
fiers and charge pump. The driver’s output impedance is
typically 50kΩ (MAX9721A), 37.5kΩ (MAX9721B), or
25kΩ (MAX9721C) when in shutdown mode.
Click-and-Pop Suppression
In conventional single-supply audio drivers, the output-
coupling capacitor is a major contributor of audible
clicks and pops. Upon startup, the driver charges the
coupling capacitor to its bias voltage, typically half the
supply. Likewise, on shutdown, the capacitor is dis-
charged to GND. This results in a DC shift across the
capacitor that appears as an audible transient at the
speaker. The MAX9721’s DirectDrive technology elimi-
nates the need for output-coupling capacitors.
The MAX9721 also features extensive click-and-pop
suppression that eliminates any audible transient
sources internal to the device. The Power-Up/Down
Waveform in the Typical Operating Characteristics
shows minimal DC shift and no spurious transients at
the output upon startup or shutdown.
In most applications, the output of the preamplifier dri-
ving the MAX9721 has a DC bias of typically half the
supply. At startup, the input coupling capacitor is
charged to the preamplifier’s DC bias voltage through
the internal input resistor (25kΩ, typ) causing an audi-
ble click/pop. Delaying the rise of SHDN 4 or 5 time
constants, based on RIN x CIN, relative to the startup of
the preamplifier eliminates any click/pop caused by the
input filter (see the Functional Diagram).
Applications Information
Power Dissipation
Linear power amplifiers can dissipate a significant
amount of power under normal operating conditions.
The maximum power dissipation for each package is
given in the Absolute Maximum Ratings section under
Continuous Power Dissipation or can be calculated by
the following equation:
where TJ(MAX) is +150°C, TA is the ambient tempera-
ture, and θJA is the reciprocal of the derating factor in
°C/W as specified in the Absolute Maximum Ratings
section. For example, θJA for the thin QFN package is
+59.3°C/W.
The MAX9721 has two power dissipation sources, the
charge pump and the two amplifiers. If the power dissi-
pation exceeds the rated package dissipation, reduce
VDD, increase load impedance, decrease the ambient
temperature, or add heatsinking to the device. Large
output, supply, and ground traces decrease θJA, allow-
ing more heat to be transferred from the package to
surrounding air.
P
T- T
DISSPKG(MAX)
J(MAX)
A
JA
=
θ
1V, Fixed-Gain, DirectDrive, Stereo Headphone
Amplifier with Shutdown
8
_______________________________________________________________________________________
Figure 2. Low-Frequency Attenuation for Common DC-Blocking
Capacitor Values
LF ROLLOFF (16Ω LOAD)
FREQUENCY (Hz)
100
-30
-25
-20
-10
-3dB CORNER FOR
100µF IS 100Hz
-15
-5
-3
0
-35
10
1k
33µF
330µF
220µF
100µF
Figure 3. Distortion Contributed By DC-Blocking Capacitors
ADDITIONAL THD+N DUE
TO DC-BLOCKING CAPACITORS
FREQUENCY (Hz)
10k
1k
100
0.001
0.01
0.1
1
10
0.0001
10
100k
TANTALUM
ALUM/ELEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com