Electronic Components Datasheet Search
  English  ▼

X  

MAX9721 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9721
Description  1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9721 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9721 Datasheet HTML 2Page - Maxim Integrated Products MAX9721 Datasheet HTML 3Page - Maxim Integrated Products MAX9721 Datasheet HTML 4Page - Maxim Integrated Products MAX9721 Datasheet HTML 5Page - Maxim Integrated Products MAX9721 Datasheet HTML 6Page - Maxim Integrated Products MAX9721 Datasheet HTML 7Page - Maxim Integrated Products MAX9721 Datasheet HTML 8Page - Maxim Integrated Products MAX9721 Datasheet HTML 9Page - Maxim Integrated Products MAX9721 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Detailed Description
The MAX9721 stereo headphone driver features Maxim’s
patented DirectDrive architecture, eliminating the large
output-coupling capacitors required by conventional sin-
gle-supply headphone drivers. The MAX9721 consists of
two 20mW Class AB headphone drivers, shutdown con-
trol, inverting charge pump, internal gain-setting resistors,
and comprehensive click-and-pop suppression circuitry
(see the Functional Diagram). A negative power supply
(PVSS) is created by inverting the positive supply (VDD).
Powering the drivers from VDD and PVSS increases the
dynamic range of the drivers to almost twice that of other
1V single-supply drivers. This increase in dynamic range
allows for higher output power.
The outputs of the MAX9721 are biased about GND
(Figure 1). The benefit of this GND bias is that the driver
outputs do not have a DC component, thus large DC-
blocking capacitors are unnecessary. Eliminating the
DC-blocking capacitors on the output saves board
space, system cost, and improves frequency response.
DirectDrive
Conventional single-supply headphone drivers have their
outputs biased about a nominal DC voltage (typically half
the supply) for maximum dynamic range. Large coupling
capacitors are needed to block the DC bias from the
headphones. Without these capacitors, a significant
amount of DC current flows to the headphone, resulting
in unnecessary power dissipation and possible damage
to both headphone and headphone driver.
Maxim’s DirectDrive architecture uses a charge pump
to create an internal negative supply voltage. This
allows the MAX9721 outputs to be biased about GND,
increasing the dynamic range while operating from a
single supply. A conventional amplifier powered from
1.5V ideally provides 18mW to a 16Ω load. The
MAX9721 provides 25mW to a 16Ω load. The
DirectDrive architecture eliminates the need for two
large (220µF, typ) DC-blocking capacitors on the out-
put. The MAX9721 charge pump requires two small
ceramic capacitors, conserving board space, reducing
cost, and improving the frequency response of the
headphone driver. See the Output Power vs. Charge-
1V, Fixed-Gain, DirectDrive, Stereo Headphone
Amplifier with Shutdown
6
_______________________________________________________________________________________
PIN
BUMP
THIN
QFN
UCSP
NAME
FUNCTION
1A1
C1N
Flying Capacitor Negative Terminal. Connect a 1µF capacitor from C1P to C1N.
2A2
PVSS
Inverting Charge-Pump Output. Bypass with 1µF from PVSS to PGND. PVSS must be connected to VSS.
3A3
INL
Left-Channel Audio Input
4A4
INR
Right-Channel Audio Input
5B4
VSS
Amplifier Negative Power Supply. Must be connected to PVSS.
6B3
SGND
Signal Ground. SGND must be connected to PGND. SGND is the ground reference for the input and
output signal.
7C4
OUTR
Right-Channel Output
8C3
OUTL
Left-Channel Output
9C2
VDD
Positive Power-Supply Input. Bypass with a 1µF capacitor to PGND.
10
C1
C1P
Flying Capacitor Positive Terminal. Connect a 1µF capacitor from C1P to C1N.
11
B1
PGND
Power Ground. Ground reference for the internal charge pump. PGND must be connected to SGND.
12
B2
SHDN
Active-Low Shutdown. Connect to VDD for normal operation. Pull low to disable the amplifier and
charge pump.
EP
—
EP
Exposed Paddle. Internally connected to VSS. Leave paddle unconnected or solder to VSS.
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com