Electronic Components Datasheet Search
  English  ▼

X  

MAX9721 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9721
Description  1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9721 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9721 Datasheet HTML 1Page - Maxim Integrated Products MAX9721 Datasheet HTML 2Page - Maxim Integrated Products MAX9721 Datasheet HTML 3Page - Maxim Integrated Products MAX9721 Datasheet HTML 4Page - Maxim Integrated Products MAX9721 Datasheet HTML 5Page - Maxim Integrated Products MAX9721 Datasheet HTML 6Page - Maxim Integrated Products MAX9721 Datasheet HTML 7Page - Maxim Integrated Products MAX9721 Datasheet HTML 8Page - Maxim Integrated Products MAX9721 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1V, Fixed-Gain, DirectDrive, Stereo Headphone
Amplifier with Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
SGND to PGND .....................................................-0.3V to +0.3V
VDD to SGND or PGND ............................................-0.3V to +2V
VSS to PVSS ...........................................................-0.3V to +0.3V
C1P to PGND..............................................-0.3V to (VDD + 0.3V)
C1N to PGND............................................(PVSS - 0.3V) to +0.3V
VSS, PVSS to GND ....................................................+0.3V to -2V
OUTR, OUTL, INR, INL to SGND .....(VSS - 0.3V) to (VDD + 0.3V)
SHDN to SGND or PGND .........................................-0.3V to +4V
Output Short-Circuit Current ......................................Continuous
Continuous Power Dissipation (TA = +70°C)
12-Bump UCSP (derate 6.5mW/°C above 70°C) ......518.8mW
12-Pin Thin QFN (derate 16.9mW/°C above 70°C) .1349.1mW
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Bump Temperature (soldering) Reflow............................+230°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VDD = 1.5V, PGND = SGND = 0V, VSHDN = 1.5V, VSS = PVSS, C1 = C2 = 1µF, CIN = 1µF, RL = ∞, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.) (See the Functional Diagram.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
Guaranteed by PSRR test
0.9
1.8
V
Quiescent Supply Current
IDD
Both channels active
2.2
5
mA
TA = +25°C
1.0
10
Shutdown Current
ISHDN
VSHDN = 0V
TA = -40°C to +85°C
30
µA
Shutdown to Full Operation
tON
180
µs
VIH
VDD = 0.9V to 1.8V
0.7 x VDD
SHDN Thresholds
VIL
VDD = 0.9V to 1.8V
0.3 x VDD
V
SHDN Input Leakage Current
ILEAK
VDD = 0.9V to 1.8V (Note 1)
±1µA
CHARGE PUMP
Oscillator Frequency
fOSC
493
580
667
kHz
AMPLIFIERS
MAX9721A
2.04
-2.00
-1.96
MAX9721B
-1.53
-1.5
-1.47
Voltage Gain
AV
MAX9721C
-1.02
-1.00
-0.98
V/V
Gain Match
∆AV
±0.5
%
MAX9721A
±0.9
±3.8
MAX9721B
±1.3
±5.7
Total Output Offset Voltage
VOS
Input AC-coupled,
RL = 32Ω to GND
MAX9721C
±1.8
±7.6
mV
Input Resistance
RIN
15
25
35
k
Ω
VDD = 0.9V to 1.8V, TA = +25°C60
80
fIN = 1kHz
70
Power-Supply Rejection Ratio
PSRR
100mVP-P ripple
fIN = 20kHz
62
dB
RL = 32Ω
10
20
VDD = 1.5V
RL = 16Ω
25
VDD = 1.0V, RL = 32Ω
7
Output Power (Note 2)
POUT
VDD = 0.9V, RL = 32Ω
6
mW
RL = 32Ω, POUT = 12mW, f = 1kHz
0.006
Total Harmonic Distortion Plus
Noise
THD+N
RL = 16Ω, POUT = 15mW, f = 1kHz
0.015
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com