Electronic Components Datasheet Search
  English  ▼

X  

MAX9721 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9721
Description  1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9721 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9721 Datasheet HTML 1Page - Maxim Integrated Products MAX9721 Datasheet HTML 2Page - Maxim Integrated Products MAX9721 Datasheet HTML 3Page - Maxim Integrated Products MAX9721 Datasheet HTML 4Page - Maxim Integrated Products MAX9721 Datasheet HTML 5Page - Maxim Integrated Products MAX9721 Datasheet HTML 6Page - Maxim Integrated Products MAX9721 Datasheet HTML 7Page - Maxim Integrated Products MAX9721 Datasheet HTML 8Page - Maxim Integrated Products MAX9721 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
1V, Fixed-Gain, DirectDrive, Stereo Headphone
Amplifier with Shutdown
_______________________________________________________________________________________
3
Note 1: Input leakage current measurements limited by automated test equipment.
Note 2: fIN = 1kHz, TA = +25°C, THD+N < 1%, both channels driven in-phase.
Typical Operating Characteristics
(VDD = 1.5V, PGND = SGND = 0V, VSHDN = 1.5V, VSS = PVSS, C1 = C2 = 1µF, CIN = 1µF, THD+N measurement bandwidth = 22Hz
to 22kHz, TA = +25°C, unless otherwise noted.) (See the Functional Diagram.)
10
10k
1k
100
100k
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
1
0.1
0.001
0.01
VDD = 1.5V
RL = 16Ω
AV = -2V/V
POUT = 15mW
POUT = 2mW
10
10k
1k
100
100k
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
1
0.1
0.001
0.01
VDD = 1.5V
RL = 32Ω
AV = -2V/V
POUT = 12mW
POUT = 2mW
10
10k
1k
100
100k
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
1
0.1
0.001
0.01
VDD = 1V
RL = 16Ω
AV = -2V/V
POUT = 0.7mW
POUT = 4mW
10
10k
1k
100
100k
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
1
0.1
0.001
0.01
POUT = 0.7mW
POUT = 4mW
VDD = 1V
RL = 32Ω
AV = -2V/V
100
010203040
10
1
0.1
0.01
0.001
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
VDD = 1.5V
RL = 16Ω
AV = -2V/V
fIN = 20Hz
fIN = 1kHz
fIN = 10kHz
100
010203040
10
1
0.1
0.01
0.001
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
VDD = 1.5V
RL = 32Ω
AV = -2V/V
fIN = 20Hz
fIN = 1kHz
fIN = 10kHz
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 1.5V, PGND = SGND = 0V, VSHDN = 1.5V, VSS = PVSS, C1 = C2 = 1µF, CIN = 1µF, RL = ∞, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.) (See the Functional Diagram.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
BW = 22Hz to 22kHz
89
Signal-to-Noise Ratio
SNR
RL = 32Ω, POUT = 12mW
A-weighted filter
92
dB
Slew Rate
SR
0.2
V/µs
Maximum Capacitive Load
CL
No sustained oscillations
150
pF
Crosstalk
XTALK
fIN = 1.0kHz, RL = 32Ω, POUT = 5mW
100
dB
ESD Protection
VESD
Human body model (OUTR, OUTL)
±8
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com