Electronic Components Datasheet Search
  English  ▼

X  

MAX9721 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9721
Description  1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9721 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9721 Datasheet HTML 1Page - Maxim Integrated Products MAX9721 Datasheet HTML 2Page - Maxim Integrated Products MAX9721 Datasheet HTML 3Page - Maxim Integrated Products MAX9721 Datasheet HTML 4Page - Maxim Integrated Products MAX9721 Datasheet HTML 5Page - Maxim Integrated Products MAX9721 Datasheet HTML 6Page - Maxim Integrated Products MAX9721 Datasheet HTML 7Page - Maxim Integrated Products MAX9721 Datasheet HTML 8Page - Maxim Integrated Products MAX9721 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX9721 fixed-gain, stereo headphone amplifier
is ideal for portable equipment where board space is at a
premium. The MAX9721 uses a unique, patented
DirectDrive architecture to produce a ground-referenced
output from a single supply, eliminating the need for large
DC-blocking capacitors, saving cost, board space, and
component height. Fixed gains of -2V/V (MAX9721A),
-1.5V/V (MAX9721B), and -1V/V (MAX9721C) further
reduce external component count.
The MAX9721 delivers up to 20mW per channel into a
32Ω load and achieves 0.006% THD+N. An 80dB at
1kHz power-supply rejection ratio (PSRR) allows the
MAX9721 to operate from noisy digital supplies without
an additional linear regulator. The MAX9721 includes
±8kV ESD protection on the headphone output.
Comprehensive click-and-pop circuitry suppresses
audible clicks and pops at startup and shutdown. A
low-power shutdown mode reduces supply current to
1.0µA (typ).
The MAX9721 operates from a single 0.9V to 1.8V sup-
ply allowing the device to be powered directly from a
single AA or AAA battery. The MAX9721 consumes only
2.2mA of supply current, provides short-circuit protection,
and is specified over the extended -40°C to +85°C tem-
perature range. The MAX9721 is available in a tiny
(1.54mm x 2.02mm x 0.6mm), 12-bump chip-scale
package (UCSP™) and a 12-pin thin QFN package
(4mm x 4mm x 0.8mm).
Applications
Features
♦ Single Cell, 0.9V to 1.8V Single-Supply Operation
♦ Fixed Gain Eliminates External Feedback Network
MAX9721A: -2V/V
MAX9721B: -1.5V/V
MAX9721C: -1V/V
♦ Ground-Referenced Outputs Eliminate DC Bias
♦ No Degradation of Low-Frequency Response Due
to Output Capacitors
♦ 20mW per Channel into 32Ω
♦ Low 0.006% THD+N
♦ High PSRR (80dB at 1kHz)
♦ Integrated Click-and-Pop Suppression
♦ Low Quiescent Current (2.2mA)
♦ Low-Power Shutdown Control
♦ Short-Circuit Protection
♦ ±8kV ESD-Protected Amplifier Outputs
♦ Available in Space-Saving Packages
12-Bump UCSP (1.54mm x 2.02mm x 0.6mm)
12-Pin Thin QFN (4mm x 4mm x 0.8mm)
1V, Fixed-Gain, DirectDrive, Stereo Headphone
Amplifier with Shutdown
________________________________________________________________ Maxim Integrated Products
1
19-3167; Rev 0; 1/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
GAIN
(V/V)
MAX9721AEBC-T* -40
°C to +85°C 12 UCSP-12
ABP
-2
MAX9721AETC
-40
°C to +85°C 12 TQFN-EP** AADZ
-2
MAX9721BEBC-T* -40
°C to +85°C 12 UCSP-12
ABQ
-1.5
MAX9721BETC
-40
°C to +85°C 12 TQFN-EP** AAEA
-1.5
MAX9721CEBC-T*
-40
°C to +85°C 12 UCSP-12
ABR
-1
MAX9721CETC
-40
°C to +85°C 12 TQFN-EP** AAEB
-1
UCSP is a trademark of Maxim Integrated Products, Inc.
Pin Configurations appear at end of data sheet.
*Future product—contact factory for availability.
**EP = Exposed paddle.
MP3 Players
Cellular Phones
PDAs
Smart Phones
Portable Audio Equipment
DirectDrive OUTPUTS
ELIMINATE DC-BLOCKING
CAPACITORS.
C1N
C1P
OUTL
SINGLE
1.5V CELL
AA OR AAA
BATTERY
OUTR
SGND
PGND
MAX9721
INVERTING
CHARGE PUMP
INR
INL
VDD
PVSS
VSS
Block Diagram


Similar Part No. - MAX9721

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9720 MAXIM-MAX9720 Datasheet
508Kb / 21P
50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03
logo
Analog Devices
MAX9720 AD-MAX9720 Datasheet
461Kb / 21P
50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0 4/03
logo
Maxim Integrated Produc...
MAX97200 MAXIM-MAX97200 Datasheet
2Mb / 13P
Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 1; 3/10
MAX97200 MAXIM-MAX97200 Datasheet
1Mb / 13P
Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 2; 3/11
MAX97200 MAXIM-MAX97200 Datasheet
1Mb / 13P
Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 3; 8/12
More results

Similar Description - MAX9721

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9720 MAXIM-MAX9720 Datasheet
508Kb / 21P
50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03
MAX9725 MAXIM-MAX9725 Datasheet
425Kb / 14P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 11/04
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9725DETC MAXIM-MAX9725DETC Datasheet
332Kb / 17P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 4; 3/09
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9725 MAXIM-MAX9725_V01 Datasheet
332Kb / 17P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-3465; Rev 4; 3/09
MAX4411 MAXIM-MAX4411_V01 Datasheet
523Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com