Electronic Components Datasheet Search
  English  ▼

X  

MAX9721 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9721
Description  1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9721 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9721 Datasheet HTML 5Page - Maxim Integrated Products MAX9721 Datasheet HTML 6Page - Maxim Integrated Products MAX9721 Datasheet HTML 7Page - Maxim Integrated Products MAX9721 Datasheet HTML 8Page - Maxim Integrated Products MAX9721 Datasheet HTML 9Page - Maxim Integrated Products MAX9721 Datasheet HTML 10Page - Maxim Integrated Products MAX9721 Datasheet HTML 11Page - Maxim Integrated Products MAX9721 Datasheet HTML 12Page - Maxim Integrated Products MAX9721 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Output Power
The MAX9721’s output power increases when the left
and right audio signals differ in magnitude and/or
phase. Figure 4 shows the two extreme cases for in-
and out-of-phase input signals. The output power of a
typical stereo application lies between the two extremes
shown in Figure 4. The MAX9721 is specified to output
20mW per channel when both inputs are in-phase.
Powering Other Circuits from
the Negative Supply
The MAX9721 internally generates a negative supply
voltage (PVSS) to provide the ground-referenced output
signal. Other devices can be powered from PVSS pro-
vided the current drawn from the charge pump does
not exceed 1mA. Headphone driver output power and
THD+N will be adversely affected if more than 1mA is
drawn from PVSS. Using PVSS as an LCD bias is a typi-
cal application for the negative supply.
PVSS is unregulated and proportional to VDD. Connect
a 1µF capacitor from C1P to C1N for best charge-pump
operation.
Component Selection
Input Filtering
The AC-coupling capacitor (CIN) and an internal gain-
setting resistor form a highpass filter that removes any
DC bias from an input signal (see the Functional
Diagram). CIN allows the MAX9721 to bias the signal to
an optimum DC level. The -3dB point of the highpass
filter, assuming zero-source impedance, is given by:
Choose CIN so f-3dB is well below the lowest frequency of
interest. Setting f-3dB too high affects the amplifier’s low-
frequency response. Use capacitors with low-voltage
coefficient dielectrics. Film or C0G dielectric capacitors
are good choices for AC-coupling capacitors. Capacitors
with high-voltage coefficients, such as ceramics, can
result in increased distortion at low frequencies.
Charge-Pump Capacitor Selection
Use capacitors with less than 100mΩ of ESR. Low-ESR
ceramic capacitors minimize the output impedance of the
charge pump. Capacitors with an X7R dielectric provide
the best performance over the extended temperature
range. Table 1 lists suggested capacitor manufacturers.
Flying Capacitor (C1)
The value of C1 affects the charge pump’s load regula-
tion and output impedance. Choosing C1 too small
degrades the MAX9721’s ability to provide sufficient
current drive and leads to a loss of output voltage.
Increasing the value of C1 improves load regulation
and reduces the charge-pump output impedance. See
the Output Power vs. Charge-Pump Capacitance and
Load Impedance graph in the Typical Operating
Characteristics.
Hold Capacitor (C2)
The hold capacitor’s value and ESR directly affect the
ripple at PVSS. Increasing the value of C2 reduces rip-
ple. Choosing a capacitor with lower ESR reduces rip-
ple and output impedance. Lower capacitance values
can be used in systems with low maximum output
power levels. See the Output Power vs. Charge-Pump
Capacitance and Load Impedance graph in the Typical
Operating Characteristics.
f
2
25k
C
-3dB
IN
=
××
1
πΩ
1V, Fixed-Gain, DirectDrive, Stereo Headphone
Amplifier with Shutdown
_______________________________________________________________________________________
9
Figure 4. Output Power vs. Supply Voltage with Inputs In-/Out-
of-Phase
0
15
10
5
20
25
30
35
40
45
50
0.9
1.1
1.3
1.5
OUTPUT POWER vs. SUPPLY VOLTAGE
WITH INPUTS IN- AND OUT-OF-PHASE
SUPPLY VOLTAGE (V)
fIN = 1kHz
RL = 16Ω
THD+N = 1%
INPUTS 180° OUT-OF-PHASE
INPUTS IN-PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com