Electronic Components Datasheet Search
  English  ▼

X  

MAX9721 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9721
Description  1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9721 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9721 Datasheet HTML 1Page - Maxim Integrated Products MAX9721 Datasheet HTML 2Page - Maxim Integrated Products MAX9721 Datasheet HTML 3Page - Maxim Integrated Products MAX9721 Datasheet HTML 4Page - Maxim Integrated Products MAX9721 Datasheet HTML 5Page - Maxim Integrated Products MAX9721 Datasheet HTML 6Page - Maxim Integrated Products MAX9721 Datasheet HTML 7Page - Maxim Integrated Products MAX9721 Datasheet HTML 8Page - Maxim Integrated Products MAX9721 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
1V, Fixed-Gain, DirectDrive, Stereo Headphone
Amplifier with Shutdown
_______________________________________________________________________________________
5
0
10
20
30
40
50
60
70
80
010
20304050
POWER DISSIPATION
vs. OUTPUT POWER
OUTPUT POWER (mW)
VDD = 1.5V
fIN = 1kHz
POUT = POUTL + POUTR
OUTPUTS IN-PHASE
RL = 16Ω
RL = 32Ω
0
5
10
15
20
25
30
35
05
10
15
20
POWER DISSIPATION
vs. OUTPUT POWER
OUTPUT POWER (mW)
VDD = 1V
fIN = 1kHz
POUT = POUTL + POUTR
OUTPUTS IN-PHASE
RL = 16Ω
RL = 32Ω
10
100
10k
1k
100k
GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
2
1
0
-1
-2
-3
-4
-5
-7
-6
-8
-9
-10
0
5
10
15
20
25
30
35
40
10
20
30
40
50
OUTPUT POWER vs. CHARGE-PUMP
CAPACITANCE AND LOAD RESISTANCE
LOAD RESISTANCE (Ω)
VDD = 1.5V
fIN = 1kHz
THD+N = 1%
C1 = C2 = 2.2µF
C1 = C2 = 1µF
C1 = C2 = 0.47µF
C1 = C2 = 0.68µF
-140
-120
-100
-80
-60
-40
-20
0
05
10
15
20
OUTPUT SPECTRUM
vs. FREQUENCY
FREQUENCY (kHz)
fIN = 1kHz
RL = 32Ω
POUT = 12mW
VDD = 1.5V
0
1.5
1.0
0.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.9
1.1
1.0
1.2
1.3
1.4
1.5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NO LOAD
SHUTDOWN CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.4
1.3
1.2
1.1
1.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0.9
1.5
EXITING SHUTDOWN
MAX9721toc23
200µs/div
OUT_
1V/div
SHDN
500mV/div
POWER-UP/-DOWN WAVEFORM
MAX9721toc24
200ms/div
OUT_
10mV/div
VDD
1V/div
Typical Operating Characteristics (continued)
(VDD = 1.5V, PGND = SGND = 0V, VSHDN = 1.5V, VSS = PVSS, C1 = C2 = 1µF, CIN = 1µF, THD+N measurement bandwidth = 22Hz
to 22kHz, TA = +25°C, unless otherwise noted.) (See the Functional Diagram.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com