Electronic Components Datasheet Search
  English  ▼

X  

RH56D-PCI Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # RH56D-PCI
Description  MODEM DEVICE FAMILY FOR DESKTOP APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RH56D-PCI Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button RH56D-PCI Datasheet HTML 31Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 32Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 33Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 34Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 35Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 36Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 37Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 38Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
RH56D-PCI Modem Designer’s Guide
1213
Conexant
4-1
Conexant Proprietary Information
4. DESIGN CONSIDERATIONS
Good engineering practices must be followed when designing a printed circuit board (PCB) containing the modem device.
This is especially important considering the high data bit rate, high fax rate, record/play of analog speech and music audio,
and full-duplex speakerphone operation. Suppression of noise is essential to the proper operation and performance of the
modem and interfacing audio and DAA circuits.
Two aspects of noise in an OEM board design containing the modem device set must be considered: on-board/off-board
generated noise that can affect analog signal levels and analog-to-digital conversion (ADC)/digital-to-analog conversion
(DAC), and on-board generated noise that can radiate off-board. Both on-board and off-board generated noise that is coupled
on-board can affect interfacing signal levels and quality, especially in low level analog signals. Of particular concern is noise
in frequency ranges affecting modem and audio circuit performance.
On-board generated electromagnetic interference (EMI) noise that can be radiated or conducted off-board is a separate, but
equally important, concern. This noise can affect the operation of surrounding equipment. Most local governing agencies
have stringent certification requirements that must be met for use in specific environments. In order to minimize the
contribution of the circuit design and PCB layout to EMI, the designer must understand the major sources of EMI and how to
reduce them to acceptable levels.
Proper PC board layout (component placement and orientation, signal routing, trace thickness and geometry, etc.),
component selection (composition, value, and tolerance), interface connections, and shielding are required for the board
design to achieve desired modem performance and to attain EMI certification. In addition, design layout should meet
requirements stated in the PCI Bus Specification, Section 4.4, Expansion Board Specification, as well as other applicable
sections.
All the aspects of proper engineering practices are beyond the scope of this designer's guide. The designer should consult
noise suppression techniques described in technical publications and journals, electronics and electrical engineering text
books, and component supplier application notes. Seminars addressing noise suppression techniques are often offered by
technical and professional associations as well as component suppliers.
The following guidelines are offered to specifically help achieve stated modem performance, minimize audible noise for audio
circuit use, and to minimize EMI generation.
4.1 PC BOARD LAYOUT GUIDELINES
4.1.1 General Principles
1.
Provide separate digital, analog, and DAA sections on the board.
2.
Keep digital and analog components and their corresponding traces as separate as possible and confined to defined
sections.
3.
Keep high speed digital traces as short as possible.
4.
Keep sensitive analog traces as short as possible.
5.
Provide proper power supply distribution, grounding, and decoupling.
6.
Provide separate digital ground, analog ground, and chassis ground (if appropriate) planes.
7.
Provide wide traces for power and critical signals.
8.
Position digital circuits near the host bus connection and position the DAA circuits near the telephone line connections.
4.1.2 Component Placement
1.
From the system circuit schematic,
a)
Identify the digital, analog, and DAA circuits and their components, as well as external signal and power
connections.
b)
Identify the digital, analog, mixed digital/analog components within their respective circuits.
c)
Note the location of power and signals pins for each device (IC).
2.
Roughly position digital, analog, and DAA circuits on separate sections of the board. Keep the digital and analog
components and their corresponding traces as separate as possible and confined to their respective sections on the
board. Typically, the digital circuits will cover one-half of the board, analog circuits will cover one-fourth of the board, and
the DAA will cover one-fourth of the board. NOTE: While the DAA is primarily analog in nature, it also has many control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com