Electronic Components Datasheet Search
  English  ▼

X  

RH56D-PCI Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # RH56D-PCI
Description  MODEM DEVICE FAMILY FOR DESKTOP APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RH56D-PCI Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button RH56D-PCI Datasheet HTML 45Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 46Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 47Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 48Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 49Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 50Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 51Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 52Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
RH56D-PCI Modem Designer’s Guide
1213
Conexant
5-1
Conexant Proprietary Information
5. SOFTWARE INTERFACE
5.1 PCI CONFIGURATION REGISTERS
The PCI Configuration registers are located in the BIF. Table 5-1 identifies the configuration register contents that are
supported in the BIF device:
7DEOH  3&, &RQILJXUDWLRQ 5HJLVWHUV
Bit
Offset
(Hex)
31:24
23:16
15:8
7:0
00
Device ID
Vendor ID
04
Status
Command
08
Class Code
Revision ID
0C
Not Implemented
Header Type
Latency Timer
Not Implemented
10
Base Address 0 - Memory (BIF)
14
Base Address 1 – I/O (Dummy)
18
Unused Base Address Register
1C
Unused Base Address Register
20
Unused Base Address Register
24
Unused Base Address Register
28
CIS Pointer
2C
Subsystem ID
Subsystem Vendor ID
30
Not Implemented
34
Reserved
Cap Ptr
38
Reserved
3C
Max Latency
Min Grant
Interrupt Pin
Interrupt Line
40
Power Management Capabilities (PMC)
Next Item Ptr
Capability ID
44
Data
PMCSR_BSE
Bridge Support
Extensions
Power Management
Control/Status Register (PMCSR)
5.1.1 0x00 - Vendor ID Field
This field is read-only and is loaded from the serial EEPROM after reset events. The value is 14F1 for Conexant.
5.1.2 0x02 - Device ID Field
This field is read-only and is loaded from the serial EEPROM after reset events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com