Electronic Components Datasheet Search
  English  ▼

X  

RH56D-PCI Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # RH56D-PCI
Description  MODEM DEVICE FAMILY FOR DESKTOP APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RH56D-PCI Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button RH56D-PCI Datasheet HTML 36Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 37Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 38Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 39Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 40Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 41Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 42Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 43Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
RH56D-PCI Modem Designer’s Guide
4-6
Conexant
1213
Conexant Proprietary Information
4.2.2 Placement of Modem Devices
1.
Rotate and position the Modem devices to minimize the number of vias on all traces.
2.
Rotate and position the device with the PCI interface to minimize trace lengths of PCI signals.
3.
Rotate and position the device with the analog interface the analog section is separated from the PCI area and other fast
signals.
4.2.3 Trace Routing and Length on PCI Signals
1.
The modem device pinouts are arranged such that signal routing to the PCI connector can be done with at most one via.
If any signals cross, the net-list is wrong. The essential rules are: consistent trace aperture, minimum number of vias,
trace bends at 45 degree angle maximum.
2.
Provide 15 mils minimum trace widths for the PCICLK, MRXCLK, MTXCLK, MPLLOUT, BIT_CLK clock signals. Keep the
trace widths as consistent as possible to minimize impedance changes. This also means that the trace going into a
series terminating resistor should the same on both sides. No vias are permitted on the clock-carrying traces. Clocks
should always be routed on one side of the board.
3.
PCI 2.1 specification puts a strict length limit on PCI signals. The PCICLK trace must be 2.5
± 0.1" in length; other PCI
signal traces should be less than 1.5" in length. Conexant reference designs achieve the required length by performing a
zigzag routing with (a) rounded corners for lower EMI and (b) approximately double width traces compared to other PCI
interface signals for lower impedance/EMI.
4.
The PCICLK signal is one of the largest sources of EMI on PCI peripheral designs. Surround this trace on both sides by
guard-bands of digital ground that envelope PCICLK along the entire length. This technique also aims at approximating
the required impedance relationship of PCICLK with respect to ground distribution. Connect this guard-band to ground
pins immediately next to the PCICLK pin at the PCI connector. . Also, see Section 4.1.3.
5.
Provide guard-band also for the OSC_OUT clock trace. Decouple guard-band with a surface mount capacitors.
4.2.4 Grounding
Because EMI always takes the easiest path to earth ground, ensure that EMI has no problem finding it in a harmless way.
1.
Provide ground paths to the bracket. The best ground is provided by the bracket, not by the ground pins on the bus
(while the ground pins provide effective signal returns to the motherboard, at high frequencies these traces become
inductors that acquire higher impedance with increasing frequency). The bracket ground which connects to the chassis is
quite beneficial in dealing with unwanted EMI. This includes using both bracket screws with as much contact surface
area as possible to ground (including under the screw head), and pin 1 on any audio connectors (which tie to the bracket
via the connector chassis and screw). On the bracket edge of the board, place a ground strip on both sides of the board.
The bracket ground (chassis ground) depends on the PC’s case, so choose a system for FCC testing with good EMI
shielding. Experience has shown different PC brands can have quite different EMI characteristics of their own.
2.
Surround noisy signals, especially clocks, with a guard-band of thick traces of ground. Pay special attention to where the
guard-bands are grounded, as the effectiveness of this technique will be greatly diminished with the increased physical
distance.
3.
When vias must be used on traces with power/ground distribution, use multiple vias rather than a single via. The more
vias, the lower the impedance.
4.
Avoid vias on traces carrying fast signals at any cost. Every place the impedance on a trace changes an additional EMI
is generated. RipTide device signals are designed to route to the PCI connector and codec without signal crossover.
Therefore, there should be very little need for vias. PCI signals on the blank side of the board should have only one via.
Other PCI signals should have no vias.
5.
If radiated emissions move 6 or more dBuV just by slightly moving connected cables, the grounding technique used in
design should be improved. At this point, maximize dumping EMI energy directly to the bracket ground without dumping
too much EMI energy to scattered ground traces on the board.
4.2.5 Filtering
1.
A general rule of thumb is to filter every connector on the board. On audio combo boards, these filters take the form of
ferrite beads and capacitors. Place a ferrite in series with the signal and a capacitor between the signal and ground. After
the signal is filtered, it must not be exposed to any board noise. Therefore, the filter must be as close to the connector as
possible and filtered signals kept away from the digital ground and power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com